Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC79400 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC79400
Description  Dot Matrix LCD Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC79400 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC79400 Datasheet HTML 1Page - Sanyo Semicon Device LC79400 Datasheet HTML 2Page - Sanyo Semicon Device LC79400 Datasheet HTML 3Page - Sanyo Semicon Device LC79400 Datasheet HTML 4Page - Sanyo Semicon Device LC79400 Datasheet HTML 5Page - Sanyo Semicon Device LC79400 Datasheet HTML 6Page - Sanyo Semicon Device LC79400 Datasheet HTML 7Page - Sanyo Semicon Device LC79400 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pin Descriptions
Pin No
Pin name
Input/Output
Functions
90
VDD
VDD and VSS: Power supply for logic section
92
VSS
Power supply
83
VEE
VDD and VEE: Power supply for LCD drive circuit
86
V1
LCD drive level power supply
85
V3
Power supply
V1 and VEE : Select level
84
V4
V3 and V4 : Nonselect level
97
CP
Input
Display data shift clock (triggering on the trailing edge)
81
CDR
Input/Output
Chip disable pin
100
CDL
Input/Output
H level : Data not accepted
L level : Data accepted
99
LOAD
Input
Display data latch clock (triggering on the trailing edge). On the trailing
edge, output levels switch in response to the particular combination of
display data, M and DISP OFF signals.
93
DI4
Input
94
DI3
95
DI2
96
DI1
88
M
Input
LCD drive output alternating signal
91
R/L
Input
Input pin which performs input/output switching for CDR and CDL pins and
directional shift for 4-bit parallel input data.
1
O1
Output
LCD drive output
2
O2
The combination of display data, M signal, and DISP OFF signal can be used
to create output levels as shown below.
79
O79
80
O80
89
DISP OFF
Input
Input pin which controls output pins O1 to O80. V1 level is output from O1 to
O80 pin output during the low level input interval (See logic table).
R/L
Input data and latch address
L
H
M
Q
DISP OFF
Output
L
L
H
V3
L
H
H
V1
H
L
H
V4
H
H
H
VEE
*
*
L
V1
LC79400D
No. 4346-4/8
*Don’t care
(To be set to either "H" or "L")
Pin Name
Input/Output
R/L
Pin Description
CDR
Input
L
Control input pin for the IC’s internal disable F/F.
CDL
Output
Output pin of the IC’s internal disable F/F.
Connects to the next stage CDR pin when
establishing a cascade connection.
CDL
Input
H
Control input pin for the IC’s internal disable F/F.
CDR
Output
Output pin of the IC’s internal disable F/F.
Connects to the next stage CDL pin when
establishing a cascade connection.


Similar Part No. - LC79400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE ONSEMI-LC79401KNE Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
More results

Similar Description - LC79400

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
   DOT MATRIX LCD DRIVER
logo
Seiko Instruments Inc
S-4525BA SII-S-4525BA Datasheet
1Mb / 22P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79431D SANYO-LC79431D Datasheet
96Kb / 5P
   Dot Matrix LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com