Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYII5SM1300AB-QWC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYII5SM1300AB-QWC
Description  IBIS5 1.3 Megapixel CMOS Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII5SM1300AB-QWC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYII5SM1300AB-QWC Datasheet HTML 1Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 2Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 3Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 4Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 5Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 6Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 7Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 8Page - Cypress Semiconductor CYII5SM1300AB-QWC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CYII5SM1300AB
IBIS5 1.3 Megapixel CMOS Image Sensor
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05710 Rev. *H
Revised January 13, 2011
Features
1280 × 1024 active pixels
6.7 μm × 6.7 μm square pixels
2/3” optical format
Global and rolling shutter
Master clock: 40 MHz
27 fps (1280 × 1024) and 106 fps (640 × 480)
On-chip 10-bit ADCs
Serial peripheral interface (SPI)
Windowing (ROI)
Sub-sampling: 1:2 mode
Supply voltage
Analog: 3.0 V to 4.5 V
Digital: 3.3 V
I/O: 3.3 V
Power consumption: 200 mW
0 °C to +65 °C operating temperature range
84-pin LCC package
Applications
Machine vision
Inspection
Robotics
Traffic monitoring
Description
The IBIS5-B-1300 is a solid state CMOS image sensor that
integrates the functionality of complete analog image acquisition,
digitizer, and digital signal processing system on a single chip.
This 1.3-mega pixel (1280 × 1024) CMOS active pixel sensor
dedicated to industrial vision applications features both rolling
and snapshot (or global) shutter. Full frame readout time is 36 ms
(max. 27.5 fps), and readout speed are boosted by windowed
region of interest (ROI) readout. Another feature includes the
double and multiples slope functionality to capture high dynamic
range scenes. The sensor is available in a monochrome version
or Bayer (RGB) patterned color filter array.
User programmable row and column start/stop positions allow
windowing down to a 2×1 pixel window for digital zoom. Sub
sampling or viewfinder mode reduces resolution while
maintaining the constant field of view and an increased frame
rate. An on-chip analog signal pipeline processes the analog
video output of the pixel array. Double sampling (DS) eliminates
the fixed pattern noise. The programmable gain and offset
amplifier maps the signal swing to the ADC input range. A 10-bit
ADC converts the analog data to a 10-bit digital word stream. The
sensor uses a 3-wire serial peripheral interface (SPI), or a 16-bit
parallel interface. It operates with a 3.3 V power supply and
requires only one master clock for operation up to 40 MHz. It is
housed in an 84-pin ceramic LCC package.
Figure 1. IBIS5-B-1300 Photo
Ordering Information
See Ordering Code Information on page 33 for more information.
Marketing Part Number
Description
Package
CYII5SM1300AB-QDC
Mono with glass
84-pin LCC
CYII5SM1300AB-QWC
Mono without glass
CYII5SC1300AB-QDC
Color with glass
CYII5FM1300AB-QDC
Mono with thicker epi with glass
[+] Feedback


Similar Part No. - CYII5SM1300AB-QWC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII5SM1300AB-QWC CYPRESS-CYII5SM1300AB-QWC Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
More results

Similar Description - CYII5SM1300AB-QWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
   IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
Micron Technology
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
   1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
logo
Cypress Semiconductor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com