Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYII5SM1300AB Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYII5SM1300AB
Description  IBIS5 1.3 Megapixel CMOS Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYII5SM1300AB Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYII5SM1300AB_11 Datasheet HTML 5Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 6Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 7Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 8Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 9Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 10Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 11Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 12Page - Cypress Semiconductor CYII5SM1300AB_11 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
CYII5SM1300AB
Document #: 38-05710 Rev. *H
Page 9 of 35
Image Core Operation
Image Core Operation and Signalling
Figure 8 is a functional representation of the image core without
sub-sampling and column/row swapping circuits. Most of the
signals involved are not available from the outside because they
are generated by the X-sequencer and SS-sequencer blocks.
The integration of the pixels is controlled by internal signals such
as reset, sample, and hold which are generated by the on-chip
SS-sequencer that is controlled with the external signals
SS_START and SS_STOP. Reading out the pixel array starts by
applying a Y_START together with a Y_CLOCK signal; internally
this is followed by a calibration sequence to calibrate the output
amplifiers (during the row blanking time). Signals necessary to
do this calibration are generated by the on-chip X-sequencer.
This calibration sequence takes typically 3.5
μs and is necessary
to remove ‘Fixed Pattern Noise’ of the pixels and of the column
amplifiers themselves by means of a double sampling technique.
After the row blanking time, the pixels are fed to the output
amplifier. The pixel rate is equal to the SYS_CLOCK frequency.
Image Core Supply Considerations
The image sensor has several supply voltages:
VDDH is the voltage that controls the sample switches. Do not
apply a higher voltage than this to the chip.
The VDDR_LEFT voltage is the highest (nominal) reset voltage
of the pixel core.
The VDDR_RIGHT voltage is generated from the VDDR_LEFT
voltage using a circuit that is programmed with the
KNEEPOINT_LSB/MSB bits in the sequencer register (see also
Pixel reset knee-point for multiple slope operation (bits 8, 9, and
10) on page 17). You can disconnect the VDDR_RIGHT pin from
the circuit and apply an external voltage to supply the multiple
slope reset voltage by setting the VDDR_RIGHT_EXT bit in the
SEQUENCER register. When no external voltage is applied
(recommended), connect the VDDR_RIGHT pin to a capacitor
(recommended value = 1µF). VDDC is the pixel core supply.
VDDA is the image core and periphery analog supply. VDDD is
the image core and periphery digital supply.
Note that the IBIS5-B-1300 image sensor has no on-chip power
rejection circuitry. As a consequence all variations on the analog
supply voltages can contribute to random variations (noise) on
the analog pixel signal, which is seen as random noise in the
image. During the camera design, take precautions to supply the
sensor with very stable supply voltages to avoid this additional
noise. The pixel array (VDDR_LEFT, VDDH and VDDC) analog
supplies are especially vulnerable to this.
Figure 8. Image Core
Y_START
SAMPLE
HOLD
Y_CLOCK
Y-left addressing
Y-right addressing
BUS_A
Y_CLOCK
Pixel row
Pixel column
X addressing
Column amplifiers
BUS_B
SYS_CLOCK
Read-pointer
Y_START
RESET
VDDH
VDDR_LEFT
VDDR_RIGHT
Vddreset
VDDC
Output amplifier
PXL_OUT
Pixel
A
Pixel
B
[+] Feedback


Similar Part No. - CYII5SM1300AB_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII5SM1300AB-HDC CYPRESS-CYII5SM1300AB-HDC Datasheet
1Mb / 40P
   1.3 MP CMOS Image Sensor
CYII5SM1300AB-QDC CYPRESS-CYII5SM1300AB-QDC Datasheet
1Mb / 40P
   1.3 MP CMOS Image Sensor
CYII5SM1300AB-QDC CYPRESS-CYII5SM1300AB-QDC Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
CYII5SM1300AB-QWC CYPRESS-CYII5SM1300AB-QWC Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
More results

Similar Description - CYII5SM1300AB_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII5SM1300A ONSEMI-NOII5SM1300A Datasheet
1,013Kb / 33P
   IBIS5 1.3 Megapixel CMOS Image Sensor
May, 2013 ??Rev. 12
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
Micron Technology
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
   1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
logo
Cypress Semiconductor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com