Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFR315C Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFR315C
Description  Resonator specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFR315C Datasheet(HTML) 1 Page - Vectron International, Inc

  TFR315C Datasheet HTML 1Page - Vectron International, Inc TFR315C Datasheet HTML 2Page - Vectron International, Inc TFR315C Datasheet HTML 3Page - Vectron International, Inc TFR315C Datasheet HTML 4Page - Vectron International, Inc TFR315C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfr 315c.doc
Version 1.0
03.05.2006
VI TELEFILTER
Resonator specification
TFR 315C
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
25
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
50
Output:
50
Characteristics
Remark:
The minimum of the pass band attenuation amin is defined as the insertion loss ae. The centre frequency fC is the frequency of the minimum of the
passband attenuation amin. The tolerance for the centre frequency also includes a frequency shift due to the temperature coefficient of frequency TCf in the
operating temperature range and a production tolerance for the centre frequency fC.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
-
max.
2,5
dB
(reference level)
Centre frequency
fC
315,0
MHz
±100
kHz
Ageing of centre frequency
(Absolute value during the first year)
-
max.
-40/+10 ppm/yr
Quality factor
Q
Unloaded Q
8400
-
Loaded 50Ω
2000
-
Parallel capacitance
C0
3,8
pF
-
Motional resistance
R1
27
-
Motional inductance
L1
117
µH
-
Motional capacitance
C1
2,1
fF
-
DC insulation resistance
-
min.
1
MΩ
Permissible DC voltage
VDC
-
max.
12
V
Input power level
-
max.
0
dBm
Operating temperature range
OTR
-
-40 °C ... + 85°C
Storage temperature range
-
-40 °C ... + 85°C
Turnover temperature
T0
25
°C
max.
± 15
°C
Temperature coefficient of frequency
TCf **
- 0,032
ppm/K
2
*) The equivalent circuit model is for reference only.
**)
∆f(Hz) = TCf(ppm/K²) x (T0-T)² x fCAT(MHz).
Generated:
Checked / Approved:


Similar Part No. - TFR315C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR315B VECTRON-TFR315B Datasheet
115Kb / 5P
   Resonator specification
More results

Similar Description - TFR315C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR434C VECTRON-TFR434C Datasheet
159Kb / 5P
   Resonator Specification
TFR586 VECTRON-TFR586 Datasheet
168Kb / 5P
   Resonator specification
TFR832 VECTRON-TFR832 Datasheet
82Kb / 5P
   Resonator Specification
TFR315B VECTRON-TFR315B Datasheet
115Kb / 5P
   Resonator specification
TFR433E VECTRON-TFR433E Datasheet
46Kb / 6P
   Resonator Specification
TFR433H VECTRON-TFR433H Datasheet
69Kb / 5P
   Resonator Specification
TFR433G VECTRON-TFR433G Datasheet
42Kb / 5P
   Resonator Specification
TFR125 VECTRON-TFR125 Datasheet
212Kb / 5P
   Resonator Specification
TFR804 VECTRON-TFR804 Datasheet
173Kb / 5P
   Resonator Specification
TFR423 VECTRON-TFR423 Datasheet
45Kb / 4P
   Resonator Specification
TFR433H VECTRON-TFR433H_05 Datasheet
163Kb / 5P
   Resonator Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com