Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDC128B16 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYDC128B16
Description  1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDC128B16 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYDC128B16 Datasheet HTML 5Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 6Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 7Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 8Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 9Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 10Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 11Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 12Page - Cypress Semiconductor CYDC128B16 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CYDC128B16
Document #: 001-01638 Rev. *H
Page 9 of 29
Table 3. Input Read Register Operation[1, 2]
SFEN
CE
R/W
OE
UB
LB
ADDR
I/O0–I/O1 I/O2–I/O15
Mode
HLHL
L
L
x0000-Max VALID[3]
VALID[3] Standard memory access
L
L
H
L
X
L
x0000
VALID[4]
X
IRR read
1. SFEN = VIL for IRR reads.
2. SFEN active when either CEL = VIL or CER = VIL. It is inactive when CEL = CER = VIH.
3. UB or LB = VIL. If LB = VIL, then DQ<7:0> are valid. If UB = VIL then DQ<15:8> are valid.
4. LB must be active (LB = VIL) for these bits to be valid.
Table 4. Output Drive Register [1]
SFEN
CE
R/W
OE
UB
LB
ADDR
I/O0–I/O4 I/O5–I/O15
Mode
HLH
X[2]
L[3]
L[3]
x0000-Max
VALID[3]
VALID[3] Standard memory access
LL
L
X
X
L
x0001
VALID[4]
X
ODR write[1, 3]
LL
H
L
X
L
x0001
VALID[4]
X
ODR read[1]
1. SFEN = VIL for ODR reads and writes.
2. Output enable must be low (OE = VIL) during reads for valid data to be output.
3. During ODR writes data will also be written to the memory.
Table 5. Semaphore Operation Example
Function
I/O0–I/O15 Left I/O0–I/O15 Right
Status
No action
1
1
Semaphore-free
Left port writes 0 to semaphore
0
1
Left port has semaphore token
Right port writes 0 to semaphore
0
1
No change. Right side has no write access to semaphore
Left port writes 1 to semaphore
1
0
Right port obtains semaphore token
Left port writes 0 to semaphore
1
0
No change. Left port has no write access to semaphore
Right port writes 1 to semaphore
0
1
Left port obtains semaphore token
Left port writes 1 to semaphore
1
1
Semaphore-free
Right port writes 0 to semaphore
1
0
Right port has semaphore token
Right port writes 1 to semaphore
1
1
Semaphore free
Left port writes 0 to semaphore
0
1
Left port has semaphore token
Left port writes 1 to semaphore
1
1
Semaphore-free
[+] Feedback


Similar Part No. - CYDC128B16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16 Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-40AXC CYPRESS-CYDC128B16-40AXC Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-55AXC CYPRESS-CYDC128B16-55AXC Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
CYDC128B16-55AXI CYPRESS-CYDC128B16-55AXI Datasheet
610Kb / 26P
   1.8V 4k/8k/16k x 16 and 8k/16k x 8 ConsuMoBL Dual-Port Static RAM
More results

Similar Description - CYDC128B16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com