Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256NLL-70SNXA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62256NLL-70SNXA
Description  256K (32K 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-70SNXA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62256NLL-70SNXA Datasheet HTML 1Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 2Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 3Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 4Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 5Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 6Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-70SNXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY62256N
Document Number: 001-06511 Rev. *D
Page 5 of 14
Thermal Resistance
Parameter[7]
Description
Test Conditions
DIP
SOIC
TSOP
RTSOP
Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 4.25 × 1.125
inch, 4-layer printed circuit board
75.61
76.56
93.89
93.89
C/W
JC
Thermal resistance
(junction to case)
43.12
36.07
24.64
24.64
C/W
Figure 3. AC Test Loads and Waveforms
Data Retention Characteristics
Parameter
Description
Conditions[8]
Min
Typ[9]
Max
Unit
VDR
VCC for data retention
2.0
V
ICCDR
Data retention current
LL - Commercial
VCC = 2.0V, CE > VCC  0.3V,
VIN > VCC  0.3V, or VIN < 0.3V
–0.1
5
A
LL - Industrial/Auto-A
0.1
10
A
LL - Auto-E
0.1
10
A
tCDR[7]
Chip deselect to data retention time
0
ns
tR[7]
Operation recovery time
tRC
––
ns
3.0 V
5 V
OUTPUT
R1 1800
R2
990
100 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
<5 ns
<5 ns
5 V
OUTPUT
R1 1800
R2
990
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.77 V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
639
Notes
7. Tested initially and after any design or process changes that may affect these parameters.
8. No input may exceed VCC + 0.5 V.
9. Typical specifications are the mean values measured over a large sample size across normal production process variations and are taken at nominal conditions
(TA = 25 °C, VCC). Parameters are guaranteed by design and characterization, and not 100% tested.
Figure 4. Data Retention Waveform
3.0 V
3.0 V
tCDR
VDR > 2 V
DATA RETENTION MODE
tR
CE
VCC
[+] Feedback


Similar Part No. - CY62256NLL-70SNXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-70SNXA CYPRESS-CY62256NLL-70SNXA Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY62256NLL-70SNXA CYPRESS-CY62256NLL-70SNXA Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256NLL-70SNXA CYPRESS-CY62256NLL-70SNXA Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
More results

Similar Description - CY62256NLL-70SNXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256VN CYPRESS-CY62256VN_11 Datasheet
408Kb / 14P
   256K (32K 횞 8) Static RAM
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY62256NLL-55SNXET CYPRESS-CY62256NLL-55SNXET Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
652Kb / 12P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com