Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62187EV30 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62187EV30
Description  64-Mbit (4 M 횞 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62187EV30 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62187EV30_11 Datasheet HTML 3Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 4Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 5Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 6Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 7Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 8Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 9Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 10Page - Cypress Semiconductor CY62187EV30_11 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY62187EV30 MoBL®
Document Number: 001-48998 Rev. *E
Page 7 of 14
Switching Waveforms
Figure 4. Read Cycle 1 (Address Transition Controlled)[18, 19]
Figure 5. Read Cycle 2 (OE Controlled)[19, 20]
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
t
AA
t
OHA
50%
50%
DATA VALID
t
RC
t
ACE
t
DOE
t
LZOE
t
LZCE
t
PU
HIGH IMPEDANCE
t
HZOE
t
PD
t
HZBE
t
LZBE
t
HZCE
t
DBE
HIGH
ICC
ISB
IMPEDANCE
OE
CE1
ADDRESS
VCC
SUPPLY
CURRENT
BHE
/BLE
DATA OUT
CE2
Notes
18. The device is continuously selected. OE, CE1 = VIL, BHE and/or BLE = VIL, and CE2 = VIH.
19. WE is HIGH for read cycle.
20. Address valid prior to or coincident with CE1, BHE, BLE transition LOW and CE2 transition HIGH.
[+] Feedback


Similar Part No. - CY62187EV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62187EV30_1106 CYPRESS-CY62187EV30_1106 Datasheet
420Kb / 15P
   64-Mbit (4 M x 16) Static RAM Ultra low standby power
More results

Similar Description - CY62187EV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33 Datasheet
466Kb / 12P
   64-Mbit (4 M x 16) Static RAM
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1089DV33 CYPRESS-CY7C1089DV33_12 Datasheet
263Kb / 11P
   64-Mbit (8 M 횞 8) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_12 Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com