Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62177EV30 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62177EV30
Description  32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177EV30 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62177EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 9Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 10Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 11Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 12Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 13Page - Cypress Semiconductor CY62177EV30 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY62177EV30 MoBL®
Document Number: 001-09880 Rev. *G
Page 11 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62177EV30LL-55ZXI
51-85183
48-pin TSOP I (12 × 18.4 × 1 mm) Pb-free
Industrial
Contact your local Cypress sales representative for availability of these parts.
Ordering Code Definitions
Temperature Grade:
I = Industrial
X = Pb-free
Package Type:
Z = 48-pin TSOP I
Speed Grade: 55 ns
Low Power
Voltage Range: V30 = 3 V (typical)
Process Technology: E = 90 nm
Bus Width = × 16
Density = 32-Mbit
621 = MoBL SRAM family
Company ID: CY = Cypress
621
CY
7
V30
- 55 Z
I
X
LL
E
7
[+] Feedback


Similar Part No. - CY62177EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177EV30 CYPRESS-CY62177EV30 Datasheet
281Kb / 15P
   32-Mbit (2 M x 16 / 4 M x 8) Static RAM Automatic power down when deselected
CY62177EV30LL-55ZXI CYPRESS-CY62177EV30LL-55ZXI Datasheet
281Kb / 15P
   32-Mbit (2 M x 16 / 4 M x 8) Static RAM Automatic power down when deselected
CY62177EV30 CYPRESS-CY62177EV30_11 Datasheet
281Kb / 15P
   32-Mbit (2 M x 16 / 4 M x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62177EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_12 Datasheet
266Kb / 13P
   32-Mbit (2 M 횞 16) Static RAM
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_12 Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_12 Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com