Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167DV30 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62167DV30
Description  16-Mbit (1M x 16) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167DV30 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62167DV30 Datasheet HTML 1Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 2Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 3Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 4Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 5Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 6Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 7Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 8Page - Cypress Semiconductor CY62167DV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CY62167DV30 MoBL
16-Mbit (1M x 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number : 38-05328 Rev. *I
Revised November 8, 2010
Features
Thin small outline package (TSOP I) Configurable as
1M x 16 or as 2M x 8 SRAM
Wide voltage range: 2.2 V – 3.6 V
Ultra-low active power: Typical active current: 2 mA at f = 1
MHz
Ultra-low standby power
Easy memory expansion with CE1, CE2 and OE features
Automatic power-down when deselected
Complementary metal oxide semiconductor (CMOS) for
optimum speed / power
Available in Pb-free and non Pb-free 48-ball very fine ball
grid array (VFBGA) and 48-pin TSOP I package
Functional Description[1]
The CY62167DV30 is a high-performance CMOS static RAM
organized as 1M words by 16 bits. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life
 (MoBL) in
portable applications such as cellular telephones. The device
also has an automatic power-down feature that significantly
reduces power consumption by 99% when addresses are not
toggling. The device can also be put into standby mode when
deselected (CE1 HIGH or CE2 LOW or both BHE and BLE are
HIGH). The input/output pins (I/O0 through I/O15) are placed
in a high-impedance state when: deselected (CE1 HIGH or
CE2 LOW), outputs are disabled (OE HIGH), both Byte High
Enable and Byte Low Enable are disabled (BHE, BLE HIGH),
or during a Write operation (CE1 LOW, CE2 HIGH and WE
LOW).
Writing to the device is accomplished by taking Chip Enables
(CE1 LOW and CE2 HIGH) and Write Enable (WE) input LOW.
If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O0
through I/O7), is written into the location specified on the
address pins (A0 through A19). If Byte High Enable (BHE) is
LOW, then data from I/O pins (I/O8 through I/O15) is written into
the location specified on the address pins (A0 through A19).
Reading from the device is accomplished by taking Chip
Enables (CE1 LOW and CE2 HIGH) and Output Enable (OE)
LOW while forcing the Write Enable (WE) HIGH. If Byte Low
Enable (BLE) is LOW, then data from the memory location
specified by the address pins will appear on I/O0 to I/O7. If Byte
High Enable (BHE) is LOW, then data from memory will appear
on I/O8 to I/O15. See the truth table at the back of this data
sheet for a complete description of Read and Write modes.
Note
1. For best-practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
1M × 16 / 2M x 8
RAM Array
I/O0–I/O7
A 8
A 7
A 6
A 5
A 2
COLUMN DECODER
DATA IN DRIVERS
OE
A 4
A 3
I/O8–I/O15
WE
BLE
BHE
A 0
A 1
A 9
A10
Power-Down
Circuit
BHE
BLE
CE2
CE1
CE2
CE1
BYTE


Similar Part No. - CY62167DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30L-55BVI CYPRESS-CY62167DV30L-55BVI Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30L-55ZI CYPRESS-CY62167DV30L-55ZI Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30L-70BVI CYPRESS-CY62167DV30L-70BVI Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30L-70ZI CYPRESS-CY62167DV30L-70ZI Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
More results

Similar Description - CY62167DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_06 Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061BV33 CYPRESS-CY7C1061BV33 Datasheet
307Kb / 9P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com