Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148ESL-55ZAXA Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62148ESL-55ZAXA
Description  4-Mbit (512 K 횞 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ESL-55ZAXA Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62148ESL-55ZAXA Datasheet HTML 5Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 6Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 7Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 8Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 9Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 10Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 11Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 12Page - Cypress Semiconductor CY62148ESL-55ZAXA Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY62148ESL MoBL®
Document #: 001-50045 Rev. *C
Page 10 of 13
Ordering Information
Table 1 lists the CY62148ESL MoBL key package features and ordering codes. The table contains only the parts that are currently
available. If you do not see what you are looking for, contact your local sales representative. For more information, visit the Cypress
website at www.cypress.com and refer to the product summary page at http://www.cypress.com/products.
Ordering Code Definitions
Table 1. Key features and Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62148ESL-55ZAXI
51-85094
32-Pin STSOP (Pb-free)
Industrial
CY62148ESL-55ZAXA
51-85094
32-Pin STSOP (Pb-free)
Automotive-A
CY
Family: Low power SRAM
621
4
8
Density = 4 Mbit
Company ID: CY = Cypress
E
Bus Width = x8
Process technology: 90-nm
SL
SL = Low power
55
Speed grade (55 ns)
ZAX
32-Pin STSOP (Pb-free)
I/A
Temperature grades:
I = Industrial
A = Automotive-A
[+] Feedback


Similar Part No. - CY62148ESL-55ZAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ESL-55ZAXA CYPRESS-CY62148ESL-55ZAXA Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62148ESL-55ZAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com