Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148ESL-55ZAXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62148ESL-55ZAXI
Description  4-Mbit (512 K 횞 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ESL-55ZAXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62148ESL-55ZAXI Datasheet HTML 2Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 3Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 4Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 5Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 6Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 7Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 8Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 9Page - Cypress Semiconductor CY62148ESL-55ZAXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY62148ESL MoBL®
Document #: 001-50045 Rev. *C
Page 6 of 13
Data Retention Characteristics
Over the operating range
Parameter
Description
Conditions
Min
Typ[10]
Max
Unit
VDR
VCC for data retention
1.5
V
ICCDR
[11]
Data retention current
CE > VCC – 0.2 V, VIN > VCC – 0.2 V or
VIN < 0.2 V, VCC = 1.5 V
Industrial/
Automotive-A
–17
µA
tCDR
Chip deselect to data
retention time
0––
ns
tR
[12]
Operation recovery time
55
ns
Figure 3. Data Retention Waveform
VCC(min)
VCC(min)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
VCC
CE
Notes
10. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
11. Chip enable (CE) must be HIGH at CMOS level to meet the ISB1 / ISB2 / ICCDR spec. Other inputs can be left floating.
12. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
[+] Feedback


Similar Part No. - CY62148ESL-55ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ESL-55ZAXI CYPRESS-CY62148ESL-55ZAXI Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ESL-55ZAXI CYPRESS-CY62148ESL-55ZAXI Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62148ESL-55ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com