Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS-68338 Datasheet(PDF) 22 Page - Vectron International, Inc

Part # OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OS-68338 Datasheet(HTML) 22 Page - Vectron International, Inc

Back Button OS-68338 Datasheet HTML 14Page - Vectron International, Inc OS-68338 Datasheet HTML 15Page - Vectron International, Inc OS-68338 Datasheet HTML 16Page - Vectron International, Inc OS-68338 Datasheet HTML 17Page - Vectron International, Inc OS-68338 Datasheet HTML 18Page - Vectron International, Inc OS-68338 Datasheet HTML 19Page - Vectron International, Inc OS-68338 Datasheet HTML 20Page - Vectron International, Inc OS-68338 Datasheet HTML 21Page - Vectron International, Inc OS-68338 Datasheet HTML 22Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
22
J
ECO 08-0145
Paragraph 4.1.5: added "Class S" & "SWEPT Quartz"
Table 2: replaced "n/a" with "30", at row “85.00-100.00”, column “3.63 V”
Figure 3: changed ".057" to ".042", the dimension at back-to-leads
K
CO-14428
Sheet1:
Inserted picture on cover sheet.
¶ 4.1.2:
Added “minimum” and “Lot evaluations are in accordance with MIL-PRF-55310 or Enhanced
Element Evaluation as specified in Table 7.”
¶ 4.1.3:
Added “and for Enhanced Element Evaluation as specified in Table 6.”
Added: “
Vectron has conducted additional SEE testing in 2008 to verify this performance
since our lot wafer testing does not include these parameters and determinations.”
4.1.6:
Added new paragraph.
4.3.4:
Added “When screening Option F is selected, aging is… compliance to the aging limit.”
5.1.1:
Added “Modified” to options F and G.
5.2, 7.1 and 7.1.2:
Added Option (E) for Enhanced Element Evaluation
Table 1:
Added Footnote 2 for Model 1118
Table 2:
Added Footnote 1
Changed Frequency Range Maximum @ 3.3V Operation from “85.0 MHz” to “100.0 MHz”
Table 5:
Added Footnote 9 for Option F. “PDA is not applicable”
Tables 6 and 7: New
Figures 3, 6 and 9: Redrawn
¶ A.3: Deleted. Renumbered paragraphs.
Table 2A:
Added “Frequency Range: 0.7 MHz to 54 MHz”
Changed Duty Cycle at >12.0-24.0 From “40 to 60” To “45 to 55”


Similar Part No. - OS-68338

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
OS-1/2 FESTO-OS-1/2 Datasheet
84Kb / 1P
   OR gate
4/15/22
OS-1/4-B FESTO-OS-1/4-B Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/4-NPT FESTO-OS-1/4-NPT Datasheet
76Kb / 1P
   OR gate
4/15/22
OS-1/8-B FESTO-OS-1/8-B Datasheet
77Kb / 1P
   OR gate
4/15/22
OS-1/8-NPT FESTO-OS-1/8-NPT Datasheet
77Kb / 1P
   OR gate
4/15/22
More results

Similar Description - OS-68338

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FA VECTRON-PX-4220-DAA-FA Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULPHT-3.3V IQD-CXOXULPHT-3.3V Datasheet
278Kb / 3P
   Crystal Clock Oscillator Specification
IQXO-430 IQD-IQXO-430 Datasheet
217Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
   Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
   Crystal Clock Oscillator Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com