Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 21 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OS-68338 Datasheet(HTML) 21 Page - Vectron International, Inc

 
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
21
DOCUMENT CHANGE RECORD
Revision
Change
F
ECO 04-2126
Add Application Overview: ¶ 1.2
Add new para. for Ruggedized COTS: ¶ 3.4.7
Add Design Pedigree ‘D’: ¶ 5.2, 7.1
Add references to Ruggedized COTS: ¶ 3.1, 7.1.2
Add Screening Option ‘G’: ¶ 5.1.1, 7.1.4
Table 1: change all HCMOS or ACMOS,
replace MIL package references with applicable added Figures
Table 4: add Screening Options ‘G’ and ‘EM’
Add Figures 6 thru 8
G
ECO 05-0727
Add ¶ 3.4.1.2 Environmental Integrity
¶ 4.1.3: add SEU / SEL statement
¶ 4.3.1: change 3.3Vdc tolerance from ±5% to ±10%
¶ 4.3.4: revised Aging from ±5 ppm / year max. to ±5 ppm max. Year 1, ±2 ppm max. Year 2+
¶ 5.2: add (V) Hi-Rel design w/ 100krad Class S die, Cultured Quartz
¶ 7.1 Design Pedigree: add V=100krad Class S die, Cultured Quartz
Table 1: add 1118 Model Number info
Table 2, Current column: split into 5.5V and 3.6V columns and revised limits downward
Table 2, Rise/Fall Times column: revise limits downward for ≤12 MHz and >65.0 to 80 MHz
ranges
Add new Table 4 Thermal Characteristics, renumber Test Matrix to Table 5
Table 5 Test Matrix, Option X column: correct Opn. No. 5, 6 and 17 from “X” to “N/R”
Add Appendix A for 5 x 7 requirements
H
ECO 06-2510
¶ 2.1: add VL-65339
Add ¶ 3.3e, Output Source/Sink Current
Add ¶ 3.4.2g, ‘getter’ materials
Add ¶ 4.3.4.1 Frequency Aging Duration Option
¶ 5.1.1: S/O ‘G’, clarify description
¶ 5.2e & 5.2f: clarify Group C sample sizes
Table 1: 1106 & 1112 package name to 20 Lead Ceramic
Table 2: add Frequency Ranges of both voltages; >65.0MHz – 85.0; >85.0 -100, ‘n/a’ under
3.63V column
Table 5: add Note 8
Figure 2: add Unspecified Tolerance dimension
I
ECO 07-0692
Table 5: Corrected Operation 2 reference to “Cond. K”.
Table 5: Changed Table 5 OPN 10 and 12 to note Method 1015 Condition B.
Added new sentence to end of Par 5.1 describing that Post BI and Group A are combined
into one electrical test.
Added “n/a” to Table 2 for the 85.00-100.00 “Fan-out” column.
Removed photo from cover page (to reduce file size).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn