Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 14 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OS-68338 Datasheet(HTML) 14 Page - Vectron International, Inc

Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
14
Subgroup
Class
Test
Mil-STD-883
Quantity
Mil-PRF-
38534
Reference
K
Method
Condition
(accept number)
Paragraph
1
X
Element Electrical
A. May perform at wafer level
B. All failures shall be removed
from the lot
C. Perform at room ambient
100%
C.3.3.1
2
X
Element Visual
2010
100%
C.3.3.2
3
X
Internal Visual
2010
10(0) or 22(0)
C.3.3.3
C.3.3.4.2
4
X
Temperature Cycling
1010
C
C.3.3.3
X
Mechanical Shock
or
Constant Acceleration
2002
2001
B, Y1
direction
3,000 G, Y1
direction
10(0)
22(0)
X
Interim Electrical
C.3.3.4.3
X
Burn-In
1015
240 hours
minimum at
+125°C
X
Post Burn-In Electrical
C.3.3.4.3
X
Steady State Life
1005
X
Final Electrical
C.3.3.4.3
5
X
Wire Bond Evaluation
2011
10(0) wires or
20(1) wires
C.3.3.3
C.3.3.5
6
X
SEM
2018
See method 2018
C.3.3.6
Notes:
Subgroups 3, 4, & 5 shall be performed on a sample of 10 die if the wafer lot is from a QPL/QML line. If the die are
from commercial wafer lots, then the sample size shall be 22 die.
TABLE 6 - MICROCIRCUIT ENHANCED ELEMENT EVALUATION
Parts Type
Test
Requirement
Paragraph
Sample size
Allowable Reject(s)
Ceramic Capacitors
M55681 FRL S or
M123 (chips)
N/A
N/A
N/A
N/A
Resistors
M55342 FRL R or
S
N/A
N/A
N/A
N/A
Inductors
Group A
Mil-Std-981
Mil-Std-981
Mil-Std-981
Custom
Group B
Mil-Std-981
Mil-Std-981
Mil-Std-981
TABLE 7: PASSIVE COMPONENT ENHANCED ELEMENT EVALUATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn