Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 13 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OS-68338 Datasheet(HTML) 13 Page - Vectron International, Inc

Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
13
LEGEND: X = Required, NR = Not Required, AR = As Required
TABLE 5 - Test Matrix
3/ includes frequency recorded at the crystal Upper Turning Point (UTP) temperature.
4/
F @ UTP = ± 7.5 ppm maximum.
5/
F @ UTP = ± 2.5 ppm maximum.
6/ Performed at package LAT. Include LAT data sheet
7/ When specified, RGA samples will be removed from the lot after completion of this operation. Use of Screening failures require customer concurrence.
8/ By customer request, the Aging test may be terminated after 15 days if the measured aging rate is less than one-half the specified aging rate, as described in
paragraph 4.3.4.1 herein. See the customer PO. 9/. PDA is not applicable.
OPN.
NO.
OPERATION LISTING
REQUIREMENTS AND CONDITIONS
Option
A
Option
B
Option
C
Option
D
Option
E
Option
F
Option
G
Option
X
SCREENING
MIL Class Similarity
K
100%
B-
100%
S-
100%
K+
100%
B
100%
S
100%
100%
EM
100%
1
Non-Destruct Bond Pull
MIL-STD-883, Meth 2023
2
Internal Visual
MIL-STD-883, Meth 2017 Class K,
Meth 2032 Class K
Completed During Assembly
3
Stabilization (Vacuum) Bake
MIL-STD-883, Meth 1008, Cond C,
150°C, 48 hours min.
4
Thermal Shock
MIL-STD-883, Meth 1011, Cond A
NR
NR
X
NR
NR
X
NR
NR
5
Temperature Cycle
MIL-STD-883, Meth 1010, Cond. B,
10 cycles min.
X
X
X
X
X
X
X
NR
6
Constant Acceleration
MIL-STD-883, Meth 2001, Cond A,
Y1 plane only, 5000 g’s
X
X
X
X
X
X
X
NR
7
Particle Impact Noise Detection
MIL-STD-883, Meth 2020, Cond B
X
X
X
X
X
X
NR
X
8
Electrical Testing, Pre Burn-In
Perform tests in Table 3. Nominal Vcc, nominal
temperature
X
X
X
X, 3/
X
X
X
X
9
Freq-Temp Slew Test
Operating temp. range, frequency plotted at 1.0°C
steps
AR
AR
AR
AR
AR
AR
NR
NR
10
1
st Burn-In
MIL-STD-883, Meth 1015, Condition B
X
160 hrs.
X
160 hrs.
X
240 hrs.
X
160 hrs.
X
160 hrs.
X
240 hrs.
X
160 hrs.
NR
11
Electrical Testing, Intermediate
Perform tests in Table 3. Nominal Vcc, nominal
temperature
X
NR
NR
X, 4/
NR
NR
NR
NR
12
2
nd Burn-In
MIL-STD-883, Meth 1015, Condition B
X
160 hrs.
NR
NR
X
160 hrs.
NR
NR
NR
NR
13
Electrical Testing, Post Burn-In
(Group A)
Perform tests in Table 3. Nominal Vcc & extremes,
nominal temperature & extremes
X
X
X
X, 5/
X
X
X
nom. Vcc
NR
14
Seal: Fine Leak
MIL-STD-883, Meth 1014, Cond A2
5 x 10
-8 atm cc/sec max
X
X
X
X
X
X
X
X
15
Seal: Gross Leak
MIL-STD-202, Meth 112, Cond D
X
X
X
X
X
X
X
X
16
Radiographic Inspection
MIL-STD-883, Meth 2012
X
AR
AR
X
AR
X
NR
NR
17
Solderability
MIL-STD-883, Meth 2003
6/
6/
6/
6/
6/
6/
6/
NR
18
External Visual & Mechanical
MIL-STD-883, Meth 2009
X 7/
X 7/
X 7/
X 7/
X 7/
X 7/
X 7/
X 7/
19
Aging, 30 Day 8/
(M55310 Group B)
MIL-PRF-55310, para. 4.8.35.1
NR
NR
NR
NR
13 pcs.
X 9/.
NR
NR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn