Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 11 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OS-68338 Datasheet(HTML) 11 Page - Vectron International, Inc

Back Button OS-68338 Datasheet HTML 7Page - Vectron International, Inc OS-68338 Datasheet HTML 8Page - Vectron International, Inc OS-68338 Datasheet HTML 9Page - Vectron International, Inc OS-68338 Datasheet HTML 10Page - Vectron International, Inc OS-68338 Datasheet HTML 11Page - Vectron International, Inc OS-68338 Datasheet HTML 12Page - Vectron International, Inc OS-68338 Datasheet HTML 13Page - Vectron International, Inc OS-68338 Datasheet HTML 14Page - Vectron International, Inc OS-68338 Datasheet HTML 15Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
11
1/. Exception: Frequency Range @ 5V Operation for model 1117 (TTL) series is limited to
85 MHz.
2/. Waveform measurement points and logic limits are in accordance with MIL-PRF-55310.
TABLE 2 - Electrical Performance Characteristics
OPERATION LISTING
REQUIREMENTS AND
CONDITIONS
VECTRON
TEST
PROCEDURE
@ all Electrical tests
Input Current (no load)
MIL-PRF-55310, Para 4.8.5.1
GR-51681
Initial Accuracy @ Ref. Temp.
MIL-PRF-55310, Para 4.8.6
GR-51596
Output Logic Voltage Levels
MIL-PRF-55310, Para 4.8.21.3
GR-51597
Rise and Fall Times
MIL-PRF-55310, Para 4.8.22
GR-51599
Duty Cycle
MIL-PRF-55310, Para 4.8.23
GR-51601
@ Post Burn-In Electrical only
Overvoltage Survivability
MIL-PRF-55310, Para 4.8.4
GR-37269
Initial Freq. – Temp. Accuracy
MIL-PRF-55310, Para 4.8.10.1
GR-51602
Freq. – Voltage Tolerance
MIL-PRF-55310, Para 4.8.14
GR-51602
Start-up Time (fast/slow start)
MIL-PRF-55310, Para 4.8.29
GR-61352
TABLE 3 - Electrical Test Parameters
Frequency Range @ 5V Operation: 0.35 MHz to 100.0 MHz 1/.
Frequency Range @ 3.3V Operation: 0.35 MHz to 100.0 MHz
Temperature Range: -55°C to +125°C
Frequency Tolerance, Initial Accuracy @ +23°C: ±15 ppm max.
Frequency-Temperature Stability from +23°C ref.: ±50 ppm max.
Frequency-Voltage Tolerance: ±4 ppm max. (Vcc ±10%)
Frequency Aging: ±1 ppm max. 1
st 30 days, ±5 ppm max. Year 1, ±2 ppm max. Year 2+
Start-up Time: 10.0 ms max.
Frequency
Range
(MHz)
Current (mA)
(max. no load)
5.5V
| 3.63V
Rise / Fall
Times
(ns max.)
Duty Cycle
(%)
Fan-out
(if TTL)
0.35 - 4.0
10
6
6
45 to 55
10
4.0 – 12.0
15
8
5
45 to 55
10
>12.0 – 24.0
15
10
5
40 to 60
10
>24.0 – 40.0
20
15
5
40 to 60
6
>40.0 – 65.0
35
20
5
40 to 60
6
>65.0 – 85.0
45
25
3
40 to 60
6
>85.0 – 100
55
30
3
40 to 60
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn