Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 10 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OS-68338 Datasheet(HTML) 10 Page - Vectron International, Inc

Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
10
1/. All unassigned pins have no internal connections or ties.
2/. See Appendix A
TABLE 1 - Item Identification and Package Outline
PIN I/O 1/
HI-REL
STANDARD
MODEL #
PACKAGE
OUTPUT
,
Square
Wave
Vcc
Out
Gnd/
Case
E/D
MECHANICAL
OUTLINE
1101
12 Lead Flatpack
ACMOS
12
7
6
na
FIGURE 1
1102
14 Lead Flatpack
ACMOS
14
8
7
na
FIGURE 2
1103
16 Lead Flatpack
ACMOS
8
10
9
na
FIGURE 3
1104
20 Lead Flatpack
ACMOS
13, 20
11
10
na
FIGURE 6
1105
14 Pin DIP
ACMOS
14
8
7
na
FIGURE 7
1106
20 Lead Ceramic
ACMOS
4
39
37
na
FIGURE 4
1113
40 Pad LCC
ACMOS
4
39
37
na
FIGURE 4
1115
4 pin ½ DIP
ACMOS
8
5
4
na
FIGURE 5
1116
J-lead SMT
ACMOS
4
3
2
1
FIGURE 8
1118 2/.
4 pad 5 x 7mm
ACMOS
4
3
2
1
FIGURE 9
1107
12 Lead Flatpack
TTL
12
7
6
na
FIGURE 1
1108
14 Lead Flatpack
TTL
14
8
7
na
FIGURE 2
1109
16 Lead Flatpack
TTL
8
10
9
na
FIGURE 3
1110
20 Lead Flatpack
TTL
13, 20
11
10
na
FIGURE 6
1111
14 Pin DIP
TTL
14
8
7
na
FIGURE 7
1112
20 Lead Ceramic
TTL
4
39
37
na
FIGURE 4
1114
40 Pad LCC
TTL
4
39
37
na
FIGURE 4
1117
J-lead SMT
TTL
4
3
2
1
FIGURE 8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn