Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 9 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OS-68338 Datasheet(HTML) 9 Page - Vectron International, Inc

Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
9
7.1.1
Model Number. The device model number is the four (4) digit number assigned to a
corresponding package and output combination per Table 1.
7.1.2
Design Pedigree. Class S variants correspond to either letter “E”, “R”, “V” or “X” and are
described in paragraph 5.2a. Class B variants correspond to either letter “B” or “C” and are
described in paragraph 5.2a. Ruggedized COTS, using commercial grade components,
corresponds to letter “D”.
7.1.2.1 Input Voltage. Voltage is the 14
th character, letters “A” representing 5.0V and “B” for 3.3V.
7.1.3
Output Frequency. The nominal output frequency is expressed in the format as specified in
MIL-PRF-55310 utilizing eight (8) characters.
7.1.4
Screening Options. The 15
th character is the Screening Option (letter A thru G or X) selected
from Table 4.
7.2
Optional Design, Test and Data Parameters. Test and documentation requirements above that
of the standard high reliability model shall be specified by separate purchase order line items
(as listed in ¶ 5.2c thru k).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn