Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 8 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OS-68338 Datasheet(HTML) 8 Page - Vectron International, Inc

Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
8
5.6
Discrepant Material. All MRB authority resides with the procuring activity.
5.7
Failure Analysis. Any catastrophic failure (no clocking, no current) at Post Burn-In or after
will be evaluated for root cause. The customer will be notified after occurrence and upon
completion of the evaluation.
6.
PREPARATION FOR DELIVERY
6.1
Packaging. Devices will be packaged in a manner that prevents handling and transit damage
during shipping. Devices will be handled in accordance with MIL-STD-1686 for Class 1
devices.
7.
ORDERING INFORMATION
7.1
Ordering Part Number. The ordering part number is made up of an alphanumeric series
of 15 characters. Design-affected product options, identified by the parenthetic letter on
the Optional Parameters list (¶ 5.2a and b), are included within the device part number.
The Part Number breakdown is described as:
1104 R 10M00000 A F
Model # (Table 1)
Screening Option
per Table 5, 5.1.1
Design Pedigree
E = Enhanced Element
Evaluation, 100krad
Class S die, Swept
Quartz
R = 100krad Class S die,
Swept Quartz
V = 100krad Class S
die, Cultured Quartz
X = Class S die,
Cultured Quartz
B = Class B die,
Swept Quartz
C = Class B die,
Cultured Quartz
D = Ruggedized COTS:
Cultured Quartz,
Commercial Grade
Components
Input Voltage
A= 5.0V
B= 3.3V
Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn