Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 7 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

OS-68338 Datasheet(HTML) 7 Page - Vectron International, Inc

Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
7
a. Design Pedigree (choose one as the 5
th character in the part number):
(E) Enhanced Element Evaluation, 100krad Class S die, Premium Q Swept Quartz
(R) Hi-Rel design w/ 100krad Class S die, Premium Q Swept Quartz
(V) Hi-Rel design w/ 100krad Class S die, Cultured Quartz
(X) Hi-Rel design w/ Cultured Quartz, Class S die
(B) Hi-Rel design w/ Swept Quartz, Class B die
(C) Hi-Rel design w/ Cultured Quartz, Class B die
(D) Hi-Rel design w/ Cultured Quartz and commercial grade components
b. Input Voltage, (A) for 5.0V, (B) for 3.3V as the 14
th character
c. Frequency-Temperature Slew Test
d. Radiographic Inspection
e. Group C Inspection: MIL-PRF-55310 (requires 8 pc. sample)
f. Group C Inspection: MIL-PRF-38534 (requires 8 pc. sample – 5 pc. Life, 3 pc. RGA)
g. Internal Water-Vapor Content (RGA) samples and test performance
h. MTBF Reliability Calculations
i. Worst Case/Derating Analysis
j. Deliverable Process Identification Documentation (PID)
k. Customer Source Inspection (pre-cap / final)
5.3
Test Conditions. Unless otherwise stated herein, inspections are performed in accordance with
those specified in MIL-PRF-55310 and MIL-PRF-38534, in that order. Process travelers
identify the applicable methods, conditions and procedures to be used. Examples of electrical
test procedures that correspond to MIL-PRF-55310 requirements are shown in Table 3.
5.4
Special Tests and Descriptions.
5.4.1
Frequency-Temperature Slew. Frequency-Temperature Slew Test has been developed as an
indicator of higher than normal internal water vapor content. The incremental temperature
sweep from +125°C to -55°C and back to +125°C records output frequency fluctuations
emulating the mass loading of moisture deposited on the crystal blank surface. Though not
replacing a customer’s internal water-vapor content (RGA) requirement, confidence is
increased without destructively testing otherwise good devices.
5.4.2
Burn-in Delta Frequency Aging (in Option D). The frequency measurement for burn-in delta
measurements is performed at the crystal’s upper turning point temperature where its effects on
repeatable frequency accuracy are maximized. Dependent on the crystal specified, this
temperature is typically between +65°C and +85°C, ±0.2°C.
5.5
Deliverable Data. The manufacturer supplies the following data, as a minimum, with each lot
of devices:
a. Completed assembly and screening lot travelers, including rework history.
b. Electrical test variables data, identified by unique serial number.
c. Frequency-Temperature Slew plots, Radiographic films, Group C data and RGA data as
required by purchase order.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn