Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OS-68338 Datasheet(PDF) 6 Page - Vectron International, Inc

Part No. OS-68338
Description  Oscillator Specification, Hybrid Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OS-68338 Datasheet(HTML) 6 Page - Vectron International, Inc

Back Button OS-68338 Datasheet HTML 2Page - Vectron International, Inc OS-68338 Datasheet HTML 3Page - Vectron International, Inc OS-68338 Datasheet HTML 4Page - Vectron International, Inc OS-68338 Datasheet HTML 5Page - Vectron International, Inc OS-68338 Datasheet HTML 6Page - Vectron International, Inc OS-68338 Datasheet HTML 7Page - Vectron International, Inc OS-68338 Datasheet HTML 8Page - Vectron International, Inc OS-68338 Datasheet HTML 9Page - Vectron International, Inc OS-68338 Datasheet HTML 10Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SIZE
CODE IDENT NO.
UNSPECIFIED TOLERANCES
DWG NO.
REV.
SHEET
A
00136
N/A
OS-68338
K
6
4.3.4.1 Frequency Aging Duration Option. By customer request, the Aging test may be terminated
after 15 days if the measured aging rate is less than half of the specified aging rate. This is a
common method of expediting 30-Day Aging without incurring risk to the hardware and used
quite successfully for numerous customers. It is based on the ‘least squares fit’ determinations
of MIL-PRF-55310 paragraph 4.8.35. The ‘half the time/half the spec’ limit is generally
conservative as roughly 2/3 of a unit’s Aging deviation occurs within that period of time.
Vectron’s automated aging systems take about 6 data points per day, so a lot of data is
available to do very accurate projections, much more data than what is required by MIL-PRF-
55310. The delivered data would include the Aging plots projected to 30 days. If the units
would not perform within that limit then they would continue to full 30 Day term. Please
advise by purchase order text if this may be an acceptable option to exercise as it assists in
Production Test planning.
4.3.5
Operating Characteristics. Symmetrical square wave limits are dependent on the device
frequency and are in accordance with Tables 2 and 2A. Waveform measurement points and
logic limits are in accordance with MIL-PRF-55310. Start-up time is 10.0 msec. maximum.
4.3.6
Output Load. Standard TTL (6 or 10) and ACMOS (10k , 15pF) test loads are in accordance
with MIL-PRF-55310.
5.
QUALITY ASSURANCE PROVISIONS AND VERIFICATION
5.1
Verification and Test. Device lots shall be tested prior to delivery in accordance with the
applicable Screening Option letter as stated by the 15
th character of the part number. Table 5
tests are conducted in the order shown and annotated on the appropriate process travelers and
data sheets of the governing test procedure. For devices that require Screening Options that
include MIL-PRF-55310 Group A testing, the Post-Burn-In Electrical Test and the Group A
Electrical Test are combined into one operation.
5.1.1
Screening Options. The Screening Options, by letter, are summarized as:
A
Modified MIL-PRF-38534 Class K
B
Modified MIL-PRF-55310 Class B Screening & Group A Quality Conformance
Inspection (QCI)
C
Modified MIL-PRF-55310 Class S Screening & Group A QCI
D
Modified MIL-PRF-38534 Class K with Burn-in Delta Aging
E
Modified MIL-PRF-55310 Class B Screening, Groups A & B QCI
F
Modified MIL-PRF-55310 Class S Screening, Groups A & B QCI
G
Modified MIL-PRF-55310 Class B Screening & Post Burn-in Nominal
Electricals
X
Engineering Model (EM)
5.2
Optional Design, Test and Data Parameters. The following is a list of design, assembly,
inspection and test options that can be selected or added by purchase order request.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn