Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148DV30LL-55SXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62148DV30LL-55SXI
Description  4-Mbit (512K x 8) MoBL Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30LL-55SXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62148DV30LL-55SXI Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 9Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 10Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 11Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 12Page - Cypress Semiconductor CY62148DV30LL-55SXI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY62148DV30
Document Number : 38-05341 Rev. *F
Page 9 of 13
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62148DV30LL-55SXI
51-85081 32-pin SOIC (Pb-free)
Industrial
Contact your local Cypress sales representative for availability of these parts
Ordering Code Definition
Temperature Grade: I = Industrial
Package Type: SX = 32 pin SOIC (Pb-free)
Speed Grade
LL = Low Power
Voltage Range = 3 V typical
D = Process Technology 130 nm
Buswidth = × 8
Density = 4-Mbit
Family Code: MoBL SRAM family
Company ID: CY = Cypress
CY
55
SX
621 4
8
D V30 LL
I
[+] Feedback


Similar Part No. - CY62148DV30LL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30LL-55SXI CYPRESS-CY62148DV30LL-55SXI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL-55SXI CYPRESS-CY62148DV30LL-55SXI Datasheet
722Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
More results

Similar Description - CY62148DV30LL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com