Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148DV30LL Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62148DV30LL
Description  4-Mbit (512K x 8) MoBL Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148DV30LL Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62148DV30LL Datasheet HTML 2Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 3Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 4Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 5Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 6Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 7Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 8Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 9Page - Cypress Semiconductor CY62148DV30LL Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY62148DV30
Document Number : 38-05341 Rev. *F
Page 6 of 13
Switching Characteristics (Over the Operating Range)
Parameter[9]
Description
55 ns
Unit
Min
Max
Read Cycle
tRC
Read cycle time
55
ns
tAA
Address to data valid
55
ns
tOHA
Data hold from address change
10
ns
tACE
CE LOW to data valid
55
ns
tDOE
OE LOW to data valid
25
ns
tLZOE
OE LOW to Low Z[10]
5
ns
tHZOE
OE HIGH to High Z[10,11]
20
ns
tLZCE
CE LOW to Low Z[10]
10
ns
tHZCE
CE HIGH to High Z[10, 11]
20
ns
tPU
CE LOW to power-up
0
ns
tPD
CE HIGH to power-up
55
ns
Write Cycle[12]
tWC
Write cycle time
55
ns
tSCE
CE LOW to write end
40
ns
tAW
Address set-up to write end
40
ns
tHA
Address hold from write end
0
ns
tSA
Address set-up to write start
0
ns
tPWE
WE pulse width
40
ns
tSD
Data set-up to write end
25
ns
tHD
Data hold from write end
0
ns
tHZWE
WE LOW to High Z[10, 11]
20
ns
tLZWE
WE HIGH to Low Z[10]
10
ns
Switching Waveforms
Figure 1. Read Cycle No. 1 (Address Transition Controlled)[13, 14]
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
Notes
9. Test Conditions for all parameters other than three-state parameters assume signal transition time of 3 ns or less (1 V/ns), timing reference levels of VCC(typ)/2,
input pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” on page 5.
10. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
11. tHZOE, tHZCE, and tHZWE transitions are measured when the output enter a high impedance state.
12. The internal write time of the memory is defined by the overlap of WE, CE = VIL. All signals must be ACTIVE to initiate a write and any of these signals can
terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates the write.
13. Device is continuously selected. OE, CE = VIL.
14. WE is HIGH for read cycle.
[+] Feedback


Similar Part No. - CY62148DV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148DV30LL CYPRESS-CY62148DV30LL Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL-55BVI CYPRESS-CY62148DV30LL-55BVI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL-55BVI CYPRESS-CY62148DV30LL-55BVI Datasheet
722Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL-55BVXI CYPRESS-CY62148DV30LL-55BVXI Datasheet
736Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
CY62148DV30LL-55BVXI CYPRESS-CY62148DV30LL-55BVXI Datasheet
722Kb / 10P
   4-Mbit (512K x 8) MoBL짰 Static RAM
More results

Similar Description - CY62148DV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com