Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78833V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC78833V
Description  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78833V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC78833V Datasheet HTML 1Page - Sanyo Semicon Device LC78833V Datasheet HTML 2Page - Sanyo Semicon Device LC78833V Datasheet HTML 3Page - Sanyo Semicon Device LC78833V Datasheet HTML 4Page - Sanyo Semicon Device LC78833V Datasheet HTML 5Page - Sanyo Semicon Device LC78833V Datasheet HTML 6Page - Sanyo Semicon Device LC78833V Datasheet HTML 7Page - Sanyo Semicon Device LC78833V Datasheet HTML 8Page - Sanyo Semicon Device LC78833V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ordering number : EN*5212
D3095HA (OT) No. 5212-1/11
Overview
The LC78833M and LC78833V are CMOS 16-bit D/A
converters with built-in 4
× oversampling digital filters.
Functions and Features
[Digital Filter Block]
•4
× oversampling filters: Two FIR filter stages (33rd and
ninth order)
• De-emphasis filter: Supports a 44.1 kHz sampling
frequency (fs).
[D/A Converter Block]
• Dynamic level shifting conversion 16-bit D/A converter
• D/A converters for two channels (synchronized outputs)
on a single chip
• On-chip output operational amplifiers
• System clock: 384fs
• 5-V single-voltage power supply
• Supports low-voltage operation (3.0 V)
• Implemented in a Si gate CMOS process for low power.
Package Dimensions
unit: mm
3036B-MFP20
unit: mm
3175A-SSOP24
Preliminary
SANYO: MFP20
[LC78833M]
SANYO: SSOP24
[LC78833V]
LC78833M, 78833V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Digital Audio 16-Bit D/A Converter
with Built-In Digital Filters
CMOS LSI
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Maximum input voltage
VIN max
–0.3 to VDD + 0.3
V
Maximum output voltage
VOUT max
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–30 to +75
°C
Storage temperature
Tstg
–40 to +125
°C


Similar Part No. - LC78833V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
   LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78835 SANYO-LC78835 Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
LC78835K SANYO-LC78835K Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
More results

Similar Description - LC78833V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
   Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78816MB SANYO-LC78816MB Datasheet
276Kb / 11P
   16-Bit D/A Converter for Use in Digital Audio Products
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Sanyo Semicon Device
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com