Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMZ5945B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMZ5945B
Description  SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMZ5945B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMZ5945B Datasheet HTML 1Page - Central Semiconductor Corp CMZ5945B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMZ5913B THRU CMZ5956B
SURFACE MOUNT
SILICON ZENER DIODE
1.5 WATT, 3.3 THRU 200 VOLTS
± 5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
ZENER
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
VV
V
mA
Ω
Ω
mA
μA
V
mA
CMZ5927B
11.40
12
12.60
31.2
6.5
550
0.25
1.0
9.1
125
C5927B
CMZ5928B
12.35
13
13.65
28.8
7.0
550
0.25
1.0
9.9
115
C5928B
CMZ5929B
14.25
15
15.75
25.0
9.0
600
0.25
1.0
11.4
100
C5929B
CMZ5930B
15.20
16
16.80
23.4
10
600
0.25
1.0
12.2
94
C5930B
CMZ5931B
17.10
18
18.90
20.8
12
650
0.25
1.0
13.7
83
C5931B
CMZ5932B
19.00
20
21.00
18.7
14
650
0.25
1.0
15.2
75
C5932B
CMZ5933B
20.90
22
23.10
17.0
17.5
650
0.25
1.0
16.7
68
C5933B
CMZ5934B
22.80
24
25.20
15.6
19
700
0.25
1.0
18.2
63
C5934B
CMZ5935B
25.65
27
28.35
13.9
23
700
0.25
1.0
20.6
56
C5935B
CMZ5936B
28.50
30
31.50
12.5
26
750
0.25
1.0
22.8
50
C5936B
CMZ5937B
31.35
33
34.65
11.4
33
800
0.25
1.0
25.1
45
C5937B
CMZ5938B
34.20
36
37.80
10.4
38
850
0.25
1.0
27.4
42
C5938B
CMZ5939B
37.05
39
40.95
9.6
45
900
0.25
1.0
29.7
38
C5939B
CMZ5940B
40.85
43
45.15
8.7
53
950
0.25
1.0
32.7
35
C5940B
CMZ5941B
44.65
47
49.35
8.0
67
1000
0.25
1.0
35.8
32
C5941B
CMZ5942B
48.45
51
53.55
7.3
70
1100
0.25
1.0
38.8
29
C5942B
CMZ5943B
53.20
56
58.80
6.7
86
1300
0.25
1.0
42.6
27
C5943B
CMZ5944B
58.90
62
65.10
6.0
100
1500
0.25
1.0
47.1
24
C5944B
CMZ5945B
64.60
68
71.40
5.5
120
1700
0.25
1.0
51.7
22
C5945B
CMZ5946B
71.25
75
78.75
5.0
140
2000
0.25
1.0
56.0
20
C5946B
CMZ5947B
77.90
82
86.10
4.6
160
2500
0.25
1.0
62.2
18
C5947B
CMZ5948B
86.45
91
95.55
4.1
200
3000
0.25
1.0
69.2
16
C5948B
CMZ5949B
95.00
100
105.0
3.7
250
3100
0.25
1.0
76.0
15
C5949B
CMZ5950B
104.5
110
115.5
3.4
300
4000
0.25
1.0
83.6
13
C5950B
CMZ5951B
114.0
120
126.0
3.1
360
4500
0.25
1.0
91.2
12
C5951B
CMZ5952B
123.5
130
136.5
2.9
450
5000
0.25
1.0
98.8
11
C5952B
CMZ5953B
142.5
150
157.5
2.5
600
6000
0.25
1.0
114.0
10
C5953B
CMZ5954B
152.0
160
168.0
2.3
700
6500
0.25
1.0
121.6
9.0
C5954B
CMZ5955B
171.0
180
189.0
2.1
900
7000
0.25
1.0
136.8
8.0
C5955B
CMZ5956B
190.0
200
210.0
1.9
1200
8000
0.25
1.0
152.0
7.0
C5956B
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=1.5V MAX @ IF=200mA (for all types)
SMA CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R7 (12-February 2010)


Similar Part No. - CMZ5945B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5945B CENTRAL-CMZ5945B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5945BP CENTRAL-CMZ5945BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
More results

Similar Description - CMZ5945B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
CMZ5334B CENTRAL-CMZ5334B Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH POWER SILICON ZENER DIODE 10 WATT, 3.6 THRU 200 VOLTS 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com