Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138FV30LL-45ZAXA Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62138FV30LL-45ZAXA
Description  2-Mbit (256K x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FV30LL-45ZAXA Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62138FV30LL-45ZAXA Datasheet HTML 1Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 2Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 3Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 4Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 5Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 6Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 7Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 8Page - Cypress Semiconductor CY62138FV30LL-45ZAXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY62138FV30 MoBL®
Document #: 001-08029 Rev. *I
Page 4 of 16
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature................................. –65 °C to +150 °C
Ambient temperature with
power applied ........................................... –55 °C to +125 °C
Supply voltage to ground
potential ..........................................................–0.3 V to 3.9 V
DC voltage applied to outputs
in High-Z State [4, 5] ........................................–0.3 V to 3.9 V
DC input voltage [4, 5]......................................–0.3 V to 3.9 V
Output current into outputs (LOW) .............................. 20 mA
Static Discharge Voltage......................................... > 2001 V
(MIL-STD-883, Method 3015)
Latch-up current ..................................................... > 200 mA
Product
Range
Ambient
Temperature
VCC [6]
CY62138FV30LL Ind’l/Auto-A –40 °C to +85 °C 2.2 V to 3.6 V
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
45 ns (Ind’l/Auto-A)
Unit
Min
Typ [7]
Max
VOH
Output HIGH voltage
IOH = –0.1 mA
2.0
V
IOH = –1.0 mA, VCC > 2.70 V
2.4
V
VOL
Output LOW voltage
IOL = 0.1 mA
0.4
V
IOL = 2.1 mA, VCC > 2.70 V
0.4
V
VIH
Input HIGH voltage
VCC = 2.2 V to 2.7 V
1.8
VCC + 0.3V
V
VCC= 2.7 V to 3.6 V
2.2
VCC + 0.3V
V
VIL
Input LOW voltage
VCC = 2.2 V to 2.7 V For BGA package
–0.3
0.6
V
VCC= 2.7 V to 3.6 V
–0.3
0.8
V
VCC = 2.2 V to 3.6 V For other packages
–0.3
0.6
V
IIX
Input leakage current
GND < VI < VCC
–1
+1
A
IOZ
Output leakage current
GND < VO < VCC,
output disabled
–1
+1
A
ICC
VCC Operating supply current
f = fmax = 1/tRC
VCC = VCCmax
IOUT = 0 mA
CMOS levels
–13
18
mA
f = 1 MHz
1.6
2.5
ISB1[8]
Automatic CE Power-down
Current CMOS inputs
CE1 > VCC – 0.2 V or CE2 < 0.2 V,
VIN > VCC – 0.2 V, VIN < 0.2 V),
f = fmax (address and data only),
f = 0 (OE, and WE), VCC = 3.60 V
–1
5
A
ISB2 [8]
Automatic CE Power-down
Current CMOS inputs
CE1 > VCC – 0.2 V or CE2 < 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V,
f = 0, VCC = 3.60 V
–1
5
A
Capacitance
Parameter[9]
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ.)
10
pF
COUT
Output Capacitance
10
pF
Notes
4. VIL(min) = 2.0V for pulse durations less than 20 ns.
5. VIH(max) = VCC+0.75V for pulse durations less than 20 ns.
6. Full device AC operation assumes a 100
s ramp time from 0 to VCC(min) and 200 s wait time after VCC stabilization.
7. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25 °C
8. Chip enables (CE1 and CE2) must be at CMOS level to meet the ISB1 / ISB2 / ICCDR spec. Other inputs can be left floating.
9. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62138FV30LL-45ZAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30LL-45ZAXA CYPRESS-CY62138FV30LL-45ZAXA Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62138FV30LL-45ZAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com