Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138FV30LL Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62138FV30LL
Description  2-Mbit (256K x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FV30LL Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62138FV30LL Datasheet HTML 4Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 5Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 6Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 7Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 8Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 9Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 10Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 11Page - Cypress Semiconductor CY62138FV30LL Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY62138FV30 MoBL®
Document #: 001-08029 Rev. *I
Page 8 of 16
Figure 6. Write Cycle No. 2 (CE1 or CE2 controlled) [27, 28, 29, 30]
Figure 7. Write Cycle No. 3 (WE controlled, OE LOW) [27, 30]
Truth Table
CE1
CE2
WE
OE
Inputs/Outputs
Mode
Power
HX[32]
X
X
High-Z
Deselect / Power-down
Standby (ISB)
X[32]
L
X
X
High-Z
Deselect/Power-down
Standby (ISB)
L
H
H
L
Data out
Read
Active (ICC)
L
H
H
H
High-Z
Output disabled
Active (ICC)
L
H
L
X
Data in
Write
Active (ICC)
Notes
27. CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW, CE is HIGH.
28. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. Reference the data input setup and hold timing to the edge of the signal that terminates the write
29. Data I/O is high impedance if OE = VIH.
30. If CE1 goes HIGH or CE2 goes LOW simultaneously with WE HIGH, the output remains iin high impedance state.
31. During this period, the I/Os are in output state. Do not apply input signals.
32. The ‘X’ (Don’t care) state for the Chip enables (CE1 and CE2) in the truth table refer to the logic state (either HIGH or LOW). Intermediate voltage levels on these
pins is not permitted.
Switching Waveforms (continued)
tWC
DATA VALID
tAW
tSA
tPWE
tHA
tHD
tSD
tSCE
ADDRESS
CE
DATA I/O
WE
DATA VALID
tHD
tSD
tLZWE
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZWE
ADDRESS
CE
WE
DATA I/O
NOTE 31
[+] Feedback


Similar Part No. - CY62138FV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30LL-45BVXI CYPRESS-CY62138FV30LL-45BVXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45BVXI CYPRESS-CY62138FV30LL-45BVXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45BVXI CYPRESS-CY62138FV30LL-45BVXI Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138FV30LL-45SXI CYPRESS-CY62138FV30LL-45SXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45SXI CYPRESS-CY62138FV30LL-45SXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
More results

Similar Description - CY62138FV30LL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com