Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138F Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62138F
Description  2-Mbit (256K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138F Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62138F Datasheet HTML 4Page - Cypress Semiconductor CY62138F Datasheet HTML 5Page - Cypress Semiconductor CY62138F Datasheet HTML 6Page - Cypress Semiconductor CY62138F Datasheet HTML 7Page - Cypress Semiconductor CY62138F Datasheet HTML 8Page - Cypress Semiconductor CY62138F Datasheet HTML 9Page - Cypress Semiconductor CY62138F Datasheet HTML 10Page - Cypress Semiconductor CY62138F Datasheet HTML 11Page - Cypress Semiconductor CY62138F Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CY62138F MoBL®
Document #: 001-13194 Rev. *C
Page 8 of 14
Write Cycle No. 2 (CE1 or CE2 controlled) [24, 25, 26, 27]
Write Cycle No. 3 (WE controlled, OE LOW) [24, 27]
Notes
24. CE is the logical combination of CE1 and CE2. When CE1 is LOW and CE2 is HIGH, CE is LOW; when CE1 is HIGH or CE2 is LOW, CE is HIGH
25. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. The data input setup and hold timing must be referenced to the edge of the signal that terminates the write
26. Data I/O is high impedance if OE = VIH.
27. If CE1 goes HIGH or CE2 goes LOW simultaneously with WE HIGH, the output remains in high impedance state.
28. During this period, the I/Os are in output state. Do not apply input signals.
Switching Waveforms (continued)
tWC
DATA VALID
tAW
tSA
tPWE
tHA
tHD
tSD
tSCE
ADDRESS
CE
DATA I/O
WE
DATA VALID
tHD
tSD
tLZWE
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZWE
ADDRESS
CE
WE
DATA I/O
NOTE 28
[+] Feedback
[+] Feedback


Similar Part No. - CY62138F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138FLL-45SXI CYPRESS-CY62138FLL-45SXI Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
More results

Similar Description - CY62138F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com