Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137FV30 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62137FV30
Description  2-Mbit (128K x 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137FV30 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62137FV30_11 Datasheet HTML 2Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 3Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 4Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 5Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 6Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 7Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 8Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 9Page - Cypress Semiconductor CY62137FV30_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY62137FV30 MoBL®
Document Number: 001-07141 Rev. *I
Page 6 of 16
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ [11]
Max
Unit
VDR
VCC for data retention
1.5
V
ICCDR [12]
Data retention current
VCC = 1.5 V, CE > VCC - 0.2 V, or
(BHE and BLE)> VCC–0.2 V
VIN > VCC - 0.2 V or VIN < 0.2 V
Industrial
4
A
tCDR [13]
Chip deselect to data
retention time
0––
ns
tR [14]
Operation recovery time
CY62137FV30LL-45
45
ns
Data Retention Waveform
Figure 4. Data Retention Waveform[15]
VCC(min)
VCC(min)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
VCC
CE or
BHE.BLE
Notes
11. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C
12. Chip enable (CE) and byte enables (BHE and BLE) need to be tied to CMOS levels to meet the ISB1 / ISB2 / ICCDR specification. Other inputs can be left floating.
13. Tested initially and after any design or process changes that may affect these parameters.
14. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s.
15. BHE.BLE is the AND of both BHE and BLE. Deselect the chip by either disabling chip enable signals or by disabling both BHE and BLE.
[+] Feedback


Similar Part No. - CY62137FV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62137FV30_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com