Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137FV18LL-55BVXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62137FV18LL-55BVXI
Description  2-Mbit (128K x 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137FV18LL-55BVXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62137FV18LL-55BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62137FV18LL-55BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY62137FV18 MoBL®
Document #: 001-08030 Rev. *H
Page 2 of 16
Contents
Product Portfolio .............................................................. 3
Pin Configuration ............................................................. 3
Maximum Ratings ............................................................. 4
Operating Range ............................................................... 4
Electrical Characteristics ................................................. 4
Capacitance ...................................................................... 4
Thermal Resistance .......................................................... 5
AC Test Loads and Waveforms ....................................... 5
Data Retention Characteristics ....................................... 6
Data Retention Waveform ................................................ 6
Switching Characteristics ................................................ 7
Switching Waveforms ...................................................... 8
Truth Table ...................................................................... 11
Ordering Information ...................................................... 12
Ordering Code Definition ........................................... 12
Package Diagram ............................................................ 13
Acronyms ........................................................................ 14
Document Conventions ................................................. 14
Units of Measure ....................................................... 14
Document History Page ................................................. 15
Sales, Solutions, and Legal Information ...................... 16
Worldwide Sales and Design Support ....................... 16
Products .................................................................... 16
PSoC Solutions ......................................................... 16
[+] Feedback


Similar Part No. - CY62137FV18LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV18LL-55BVXI CYPRESS-CY62137FV18LL-55BVXI Datasheet
449Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137FV18LL-55BVXI CYPRESS-CY62137FV18LL-55BVXI Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62137FV18LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com