Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-996-0001 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # MD-996-0001
Description  Disciplined Oscillator Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-996-0001 Datasheet(HTML) 2 Page - Vectron International, Inc

  MD-996-0001 Datasheet HTML 1Page - Vectron International, Inc MD-996-0001 Datasheet HTML 2Page - Vectron International, Inc MD-996-0001 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MD-996-0001
Disciplined Oscillator Module
Vectron International • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
2
Performance Specifications
1
General
L1 frequency, C/A code (SPS) 12-channel, continuous
tracking receiver
Update Rate:
1 Hz
1 PPS Accuracy
GPS 15 nanoseconds (one sigma)
Output Frequency
10 MHz
Phase Noise
10 Hz
-120 dBc
100 Hz
-135 dBc
1 KHz
-145 dBc
10KHz
-145 dBc
100KHz
-145 dBc
Holdover
27 us for 24 hours with 5 C temperature delta
Stability
+/- 50ppb from 0 to 60C when not in tracking
Interface Specifications
1 PPS
Connector: SMA-f (J3)
TTL levels into 50 ohms 10 microsecond-wide pulse with
the leading edge synchronized to GPS within 20
nanoseconds (one sigma) in static, time-only mode.
Rising time: <20 nanoseconds
Pulse shape affected by distributed capacitance of interface
cable/circuit.
10 MHz
Connector: SMA-f (J2)
Antenna Interface
SMA-f (J4)
Power and I/O
Connector: Molex 70543-0005 (6-pin) (J1)
Pin 1- NC
Pin 2- GPS TXD 3.3V CMOS Level
Pin 3- GPS RXD 3.3V CMOS Level (5V tolerant)
– Pulled to 3.3V through a 10k Ohm resistor
Pin 4 – Ground
Pin 5 - +V Antenna – Supports 2.7VDC to 5.5VDC @ up to
100ma.
Pin 6 - +5V± 0.25V @ <750ma (cold) and <350ma (warm)
Serial Protocol
Trimble Standard interface Protocol (TSIP) binary protocol
@ 9600,
8-None-1


Similar Part No. - MD-996-0001

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
More results

Similar Description - MD-996-0001

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
   Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
   High Stability GNSS Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-174 VECTRON-MD-174 Datasheet
714Kb / 7P
   Low Noise GNSS Disciplined
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com