Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-010 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # MD-010
Description  Disciplined Oscillator Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-010 Datasheet(HTML) 3 Page - Vectron International, Inc

  MD-010_1 Datasheet HTML 1Page - Vectron International, Inc MD-010_1 Datasheet HTML 2Page - Vectron International, Inc MD-010_1 Datasheet HTML 3Page - Vectron International, Inc MD-010_1 Datasheet HTML 4Page - Vectron International, Inc MD-010_1 Datasheet HTML 5Page - Vectron International, Inc MD-010_1 Datasheet HTML 6Page - Vectron International, Inc MD-010_1 Datasheet HTML 7Page - Vectron International, Inc MD-010_1 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
RF Output Waveform Characteristics (via sma)
Parameter
Min
Typical
Max
Units
Condition
Waveform
Sinewave
Output Power
+3.0
+9.0
+11.0
dBm
50 Ohm, 12 V supply models
+2.0
+5.0
+7.5
dBm
50 Ohm, 5 V supply models
Harmonics
-30
dBc
50 Ohm
Spurious
-70
dBc
50 Ohm
RF Output Waveform Characteristics (via pin 8)
Waveform
HCMOS
High Level Output Voltage (V
OH)
4.5
5.0
V
DC
<-0.5mA Load, 12 V supply models
3.0
3.3
V
DC
<-0.5mA Load, 5 V supply models
Low Level Output Voltage (V
OL)
0.0
0.4
V
DC
<0.5mA Load, 12 V supply models
0.0
0.3
V
DC
<0.5mA Load, 5 V supply models
Rise/Fall Time
3
5
nSec
15 pF
Duty Cycle
40
50
60
%
15 pF
1pps Output Characteristics (via SMA and pin 2)
Parameter
Min
Typical
Max
Units
Condition
Waveform
TTL
High-level output voltage (V
OH)
4.0
5.0
VDC
50 Ohms, 12 V supply models
2.3
3.3
VDC
50 Ohms, 5V supply models
Low-level output voltage (V
OL)
0.0
0.4
VDC
50 Ohms, 12 V supply models
0.0
0.3
VDC
50 Ohms, 5V supply models
Pulse Width
10
us
default value
user programmable 100 ns to 999.9999 ms
External 1PPS Reference Input (Pin 1)
Waveform
TTL
High-Level Output Voltage (V
OH)
2.4
5.0
VDC
50 Ohms input impedance
Low-Level Output Voltage (V
OL)
0.0
0.4
VDC
Pulse width7
10
uSec
Lock Status Indicator (Pin 9)4
Parameter
Min
Typical
Max
Units
Condition
Module Locked
4.5
5.0
VDC
<5mA Load, 12 V supply model
3.0
3.3
VDC
<5mA Load, 5V supply model
Module Not Locked
0
0.5
VDC
<5mA Load, 12 V Supply model
0
0.3
VDC
<5mA Load, 5V supply model
Module Hardware OK Indicator (Pin 10)5
Module Hardware OK
4.5
5.0
VDC
<5mA Load, 12 V supply model
3.0
3.3
VDC
<5mA Load, 5V supply model
Module Hardware Failure
0
0.5
VDC
<5mA Load, 12 V Supply model
0
0.3
VDC
<5mA Load, 5V supply model
3


Similar Part No. - MD-010_1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXE-TCXO VECTRON-MD-0100-DXE-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXJ-TCXO VECTRON-MD-0100-DXJ-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXT-TCXO VECTRON-MD-0100-DXT-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-0101-DXD-DAEM VECTRON-MD-0101-DXD-DAEM Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
More results

Similar Description - MD-010_1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
   Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
   Disciplined Oscillator Module
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
   GPS Disciplined Oscillator Module
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
   GPS Disciplined Oscillator Module
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
   High Stability GNSS Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
   GNSS Disciplined Oscillator
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
   GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
   GPS Disciplined Oscillators
logo
Vectron International, ...
MD-174 VECTRON-MD-174 Datasheet
714Kb / 7P
   Low Noise GNSS Disciplined
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
   GPS-Disciplined Rubidium Clock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com