Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-730 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # FX-730
Description  Low Jitter VCSO Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-730 Datasheet(HTML) 3 Page - Vectron International, Inc

  FX-730_09 Datasheet HTML 1Page - Vectron International, Inc FX-730_09 Datasheet HTML 2Page - Vectron International, Inc FX-730_09 Datasheet HTML 3Page - Vectron International, Inc FX-730_09 Datasheet HTML 4Page - Vectron International, Inc FX-730_09 Datasheet HTML 5Page - Vectron International, Inc FX-730_09 Datasheet HTML 6Page - Vectron International, Inc FX-730_09 Datasheet HTML 7Page - Vectron International, Inc FX-730_09 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FX-730 Low Jitter VCSO Frequency Translator
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 3 of 8
Rev: 18Jun09
Outline Diagram
Suggested Pad Layout
Figure 3.
Figure 4.
Table 2. Pin Out
Pad #
Symbol
I/O
Level
Function
1
BRCLK
I
NC or
LVPECL, LVDS
NC or
For external divider applications = PD Feedback Frequency
2
LD
1
O
CMOS
Lock Detect
Logic “0” = FX Locked
Logic “1” = No input
Output transitioning = Out of Lock
3
GND
GND
Supply
Case and Electrical Ground
4
MODE
2
I
CMOS
FX Operating Mode
Logic “0” = Standard PLL Operation Normal setting
Logic “1” = FIN coupled to FOUT
5
GND
GND
Supply
Case and Electrical Ground
6
LFN
Analog
Loop Filter Node
7
CLFN
Analog
Complementary Loop Filter Node
8
FOUT
O
LVPECL or
LVDS
Frequency Output
9
CFOUT
O
LVPECL or
LVDS
Complementary Frequency Output
10
VCC
I
Supply
Power Supply Voltage (+3.3V ±5%)
11
CFIN
I
LVPECL
Complementary Input Frequency
For CMOS inputs, AC-couple unused input to ground or negative supply.
12
FIN
I
CMOS or
LVPECL
Input Frequency
13
GND
GND
Supply
Case and Electrical Ground
14
CBRCLK
I
NC or
LVPECL, LVDS
NC or
For external divider applications = Comp. PD Feedback Frequency
1.
It is recommended that a buffer driver is used for best noise isolation.
2.
Do not leave the MODE pin floating, it should be set to logic 0 or ground for normal operation.
3.
BRCLK and CBRCLK should be left floating if not used.
4.
FIN, CFIN, BRCLK, and CBRCLK have internal pull-up/pull-down resistors and it is recommended to AC couple these inputs.
mm
[inch]
0.64
[0.025]
3.28
[0.129]
2.54
[0.100]
1.27
[0.050]
0.25
[0.010]
1.02
[0.040]
5.08
[0.200]
1.45
[0.057]
1.02
[0.040]
1.96
[0.077]
1.27
[0.050]
0.20
[0.008]
4.14
[0.163]
2.07
[0.081]
FX730CCCCCC 
XX/XX 
VI   YWW 


Similar Part No. - FX-730_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
   Low Jitter VCSO Frequency Translator
More results

Similar Description - FX-730_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702-ECE-HLM VECTRON-FX-702-ECE-HLM Datasheet
310Kb / 7P
   Low Jitter VCSO Frequency Translator
FX-702 VECTRON-FX-702_10 Datasheet
231Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
   Low Jitter VCSO Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
VS-800 VECTRON-VS-800 Datasheet
1Mb / 9P
   Ultra-Low Jitter High Frequency VCSO
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com