Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136EV30 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62136EV30
Description  2-Mbit (128K x 16) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136EV30 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62136EV30 Datasheet HTML 1Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 2Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 3Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 4Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 5Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62136EV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY62136EV30 MoBL®
Document #: 38-05569 Rev. *D
Page 3 of 15
Pin Configuration[2, 3]
VFBGA (Top View)
44 TSOP II (Top View)
Product Portfolio[4]
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (A)
f = 1 MHz
f = fmax
Min
Typ[4]
Max
Typ[4]
Max
Typ[4]
Max
Typ[4]
Max
CY62136EV30LL
2.2
3.0
3.6
45
2
2.5
15
20
1
7
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
NC
NC
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
Vcc
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
VCC
A15
A14
A13
A4
A3
OE
VSS
A5
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
A1
A0
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
VSS
I/O6
I/O4
I/O5
I/O7
A6
A7
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A8
A9
A10
A11
A12
NC
NC
A16
Notes
2. NC pins are not connected on the die.
3. Pins D3, H1, G2, H6 and H3 in the VFBGA package are address expansion pins for 4 Mb, 8 Mb, 16 Mb, and 32 Mb and 64 Mb respectively
4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25 °C.
[+] Feedback


Similar Part No. - CY62136EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136EV30 CYPRESS-CY62136EV30 Datasheet
574Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30LL CYPRESS-CY62136EV30LL Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30LL-45BVXI CYPRESS-CY62136EV30LL-45BVXI Datasheet
574Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30LL-45BVXI CYPRESS-CY62136EV30LL-45BVXI Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62136EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com