Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78632RE Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC78632RE
Description  Compact Disk Player DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78632RE Datasheet(HTML) 9 Page - Sanyo Semicon Device

  LC78632RE Datasheet HTML 1Page - Sanyo Semicon Device LC78632RE Datasheet HTML 2Page - Sanyo Semicon Device LC78632RE Datasheet HTML 3Page - Sanyo Semicon Device LC78632RE Datasheet HTML 4Page - Sanyo Semicon Device LC78632RE Datasheet HTML 5Page - Sanyo Semicon Device LC78632RE Datasheet HTML 6Page - Sanyo Semicon Device LC78632RE Datasheet HTML 7Page - Sanyo Semicon Device LC78632RE Datasheet HTML 8Page - Sanyo Semicon Device LC78632RE Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
No. 5826-9/9
LC78632RE
This catalog provide information as of December, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.
Continued from preceding page.
Note:
Of the general-purpose I/O ports, any unused input ports must be connected to 0 V, or set to be output ports.
Pin No.
Symbol
I/O
Function
51
XVSS
Crystal oscillator ground. Must be connected to 0 V.
52
XOUT
O
16.9344 MHz crystal oscillator connections. Use a 33.8688 MHz crystal oscillator for quad-speed playback.
53
XIN
I
54
XVDD
Crystal oscillator power supply
55
RVSS
Right channel ground. Must be connected to 0 V.
56
RCHN
O
One-bit D/A
Right channel N output
57
RCHP
O
converter pins
Right channel P output
58
RVDD
Right channel power supply
59
MUTER
O
Right channel mute output
60
SBSY
O
Subcode block synchronization signal output
61
EFLG
O
C1 and C2 error correction state monitor
62
PW
O
Subcode P, Q, R, S, T, U, V, and W output
63
SFSY
O
Subcode frame synchronization signal output. Falls when the subcode output goes to the standby state.
64
SBCK
I
Subcode readout clock input. This is a Schmitt input. This pin must be connected to 0 V if unused.
65
DOUT
O
Digital output
66
FSX
O
Outputs a 7.35 kHz synchronization signal generated by dividing the crystal oscillator frequency.
67
WRQ
O
Subcode Q output standby output
68
RWC
I
Read/write control input
69
SQOUT
O
Subcode Q output
70
COIN
I
Input for commands from the control microprocessor
71
CQCK
I
Command input acquisition clock. Also used as the SQOUT subcode readout clock input. This is a Schmitt input.
72
RES
I
Chip reset input. This pin must be set low temporarily when power is first applied.
73
TESTF
O
Test output
74
CONT2
O
Output port
75
16M
O
16.9344 MHz output
76
4.2M
O
4.2336 MHz output
77
TEST5
I
Test input. A pull-down resistor is built in. Must be connected to 0 V.
78
CS
I
Chip select input. A pull-down resistor is built in. When control is not used, this pin must be connected to 0 V.
79
DEFI
I
Defect detection signal input. Must be connected to 0 V if unused.
80
VCOC
I
Test input. Must be connected to 0 V.


Similar Part No. - LC78632RE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78630 SANYO-LC78630 Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78631 SANYO-LC78631 Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
More results

Similar Description - LC78632RE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
   Signal Processor Controller for Compact Disk Player
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com