Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24272 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24272
Description  Rambus XDR??Clock Generator with Zero SDA Hold Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24272 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24272_11 Datasheet HTML 1Page - Cypress Semiconductor CY24272_11 Datasheet HTML 2Page - Cypress Semiconductor CY24272_11 Datasheet HTML 3Page - Cypress Semiconductor CY24272_11 Datasheet HTML 4Page - Cypress Semiconductor CY24272_11 Datasheet HTML 5Page - Cypress Semiconductor CY24272_11 Datasheet HTML 6Page - Cypress Semiconductor CY24272_11 Datasheet HTML 7Page - Cypress Semiconductor CY24272_11 Datasheet HTML 8Page - Cypress Semiconductor CY24272_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CY24272
Document Number: 001-42414 Rev. *A
Page 4 of 16
PLL Multiplier
Table 3 shows the frequency multipliers in the PLL, selectable by programming the SMBus registers MULT0, MULT1, and MULT2.
Default multiplier at power up is 4.
Input Clock Signal
The XCG receives either a differential (REFCLK/REFCLKB) or a
single-ended reference clocking input (REFCLK).
When the reference input clock is from a different clock source,
it must meet the voltage levels and timing requirements listed in
DC Operating Conditions on page 8 and AC Operating
Conditions on page 9.
For a single-ended clock input, an external voltage divider and a
supply voltage, as shown in Figure 2 on page 7, provide a
reference voltage VTH at the REFCLKB pin. This determines the
proper trip point of REFCLK. For the range of VTH specified in
DC Operating Conditions on page 8, the outputs also meet the
DC and AC Operating Conditions tables.
Modes of Operation
The modes of operation are determined by the logic signals
applied to the EN and /BYPASS pins and the values in the five
SMBus Registers: RegTest, RegA, RegB, RegC, and RegD.
Table 5 on page 5 shows selection from one to all four of the
outputs, the Outputs Disabled Mode (EN = low), and Bypass
Mode (EN = high, /BYPASS = low). There is an option reserved
for vendor test. Disabled outputs are set to High Z.
At power up, the SMBus registers default to the last entry in
Table 6 on page 6. The value at RegTest is 0. The values at
RegA, RegB, RegC, and RegD are all ‘1’. Thus, all outputs are
controlled by the logic applied to EN and /BYPASS.
Notes
1. Output frequencies shown in Table 3 are based on nominal input frequencies of 100 MHz and 133.3 MHz. The PLL multipliers are applicable to spread spectrum
modulated input clock with maximum and minimum input cycle time. The REFSEL bit in SMBus 81h is set correctly as shown.
2. Default PLL multiplier at power up.
Table 3. PLL Multiplier Selection
Register
Frequency Multiplier
Output Frequency (MHz)
MULT2 MULT1 MULT0
REFCLK = 100 MHz[1], REFSEL = 0 REFCLK = 133 MHz[1], REFSEL = 1
0
0
0
3
300
400
00
1
4
400[2]
0
1
0
5
500
667
0
1
1
6
600
1
0
0
Reserved
1
0
1
9/2
450
600
1
1
0
Reserved
1
1
1
15/4
375
500
Table 4. SMBus Device Addresses for CY24272
XCG
Hex
Address
8-bit SMBus Device Address Including Operation
Device
Operation
Five Most Significant Bits
ID1
ID0
WR# / RD
0
Write
D8
11
0
1
1
00
0
Read
D9
1
1
Write
DA
01
0
Read
DB
1
2
Write
DC
10
0
Read
DD
1
3
Write
DE
11
0
Read
DF
1
[+] Feedback


Similar Part No. - CY24272_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272ZXC CYPRESS-CY24272ZXC Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
CY24272ZXCT CYPRESS-CY24272ZXCT Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
More results

Similar Description - CY24272_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272 Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com