Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22381 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22381
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22381 Datasheet HTML 1Page - Cypress Semiconductor CY22381 Datasheet HTML 2Page - Cypress Semiconductor CY22381 Datasheet HTML 3Page - Cypress Semiconductor CY22381 Datasheet HTML 4Page - Cypress Semiconductor CY22381 Datasheet HTML 5Page - Cypress Semiconductor CY22381 Datasheet HTML 6Page - Cypress Semiconductor CY22381 Datasheet HTML 7Page - Cypress Semiconductor CY22381 Datasheet HTML 8Page - Cypress Semiconductor CY22381 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CY22381
CY223811
Three-PLL General Purpose FLASH
Programmable Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07012 Rev. *H
Revised January 17, 2011
Features
Three integrated phase-locked loops
Ultra-wide divide counters (eight-bit Q, eleven-bit P, and
seven-bit post divide)
Improved linear crystal load capacitors
Flash programmability
Field programmability
Low-jitter, high-accuracy outputs
Power-management options (Shutdown, OE, Suspend)
Configurable crystal drive strength
Frequency select option through external LVTTL Input
3.3V operation
8-pin SOIC package (CY22381)
8-pin SOIC package with NiPdAu lead finish (CY223811)
CyClocks RT™ support
Functional Description
The CY22381 is the next-generation programmable Flash
programmable clock for use in networking, telecommunication,
datacom, and other general-purpose applications. The
CY22381 offers up to three configurable outputs in a 8-pin
SOIC, running off a 3.3V power supply. The on-chip reference
oscillator is designed to run off an 8–30-MHz crystal, or a
1–166-MHz external clock signal. The CY22381 has a three
PLLs driving 3 programmable output clocks. The output clocks
are derived from the PLL or the reference frequency (REF).
Output post dividers are available for either. The CY223811 is
the CY22381 with NiPdAu lead finish.
XTALIN
XTALOUT
FS/SUSPEND
SHUTDOWN/OE
CONFIGURATION
FLASH
OSC.
PLL1
11-BIT P
8-BIT Q
PLL2
11-BIT P
8-BIT Q
PLL3
11-BIT P
8-BIT Q
4 × 3
Switch
Crosspoint
Divider
7-BIT
Divider
7-BIT
Divider
7-BIT
CLKA
CLKB
CLKC
Logic Block Diagram
[+] Feedback


Similar Part No. - CY22381

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22381 CYPRESS-CY22381 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY223811 CYPRESS-CY223811 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22381

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com