Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO-447 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # CO-447
Description  Helping Customers Innovate, Improve & Grow
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CO-447 Datasheet(HTML) 1 Page - Vectron International, Inc

  CO-447 Datasheet HTML 1Page - Vectron International, Inc CO-447 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Helping Customers Innovate, Improve & Grow
Search
XOs >
CO-447
CO-447 HCMOS, ACMOS and FCT Clock Oscillators
Features:
1 Hz to 175 MHz Frequency Range
Low Profile 14 Pin Flatpack
HCMOS/ACMOS/FCT/ACT Compatible
Tri-state Output Available
Available with 3.3 Vdc input below 20 MHz
SPECIFICATIONS
Series
CO-447: Flatpack
Frequency
1 Hz-175 MHz
Supply
5 Vdc ± 5%
(Available with 3.3 Vdc input below 20 Mhz)
Accuracy
(Maximum Error at 25°C)
CO-447A ±50 ppm
CO-447C ±25 ppm
CO-447D ±15 ppm
CO-447B ±10 ppm
CO-447E ±1 ppm*
*Settability via external capacitor; (<60 MHz only; except 449E <20 MHz)
Temperature Stability
Improved accuracy/stability available on some models. For example, for ±7 ppm over 0°C to +50°C and for
±10ppm over 0°C to +70°C. Improvement is also available over wider temperature ranges. Please contact
factory.
STANDARD:
0°C
to +70°C:
±25 ppm
Option 1:
-55°C
to +85°C:
±50 ppm
Option 2:
-55°C
to +125°C:
±50 ppm
Option 5:
0°C
to +50°C:
±5 ppm
Option 6:
0°C
to +50°C:
±10 ppm
Option 7:
-55°C
to +125°C:
±100 ppm
*Option 9:
-55°C
to +200°C:
±300 ppm
(Option 9: N/A in CO-448 or above 20 MHz in CO-440 Series)
*Specified stability includes initial accuracy:
do not specify A,B,C,D or E accuracy.
Aging Rate
(typical after 30 days)
3 ppm first year
2 ppm/year thereafter
top of page
Page 1 of 2
Vectron Products - HCMOS, ACMOS and FCT Clock Oscillators - CO-447
3/11/2009
http://www.vectron.com/products/xo/CO-447.htm


Similar Part No. - CO-447

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-441 VECTRON-CO-441 Datasheet
64Kb / 2P
   CO-441 HCMOS, ACMOS and FCT Clock Oscillators
CO-442 VECTRON-CO-442 Datasheet
65Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-446 VECTRON-CO-446 Datasheet
111Kb / 2P
   ACMOS and FCT Clock Oscillators
CO-448 VECTRON-CO-448 Datasheet
64Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-449 VECTRON-CO-449 Datasheet
109Kb / 2P
   ACMOS and FCT Clock Oscillators
More results

Similar Description - CO-447

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-431 VECTRON-CO-431 Datasheet
67Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-437 VECTRON-CO-437 Datasheet
61Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-442 VECTRON-CO-442 Datasheet
65Kb / 2P
   Helping Customers Innovate, Improve & Grow
VX-501-0275-491M52 VECTRON-VX-501-0275-491M52 Datasheet
515Kb / 5P
   Helping Customers Innovate, Improve & Grow
CO-402 VECTRON-CO-402 Datasheet
69Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-434 VECTRON-CO-434 Datasheet
73Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-484 VECTRON-CO-484 Datasheet
63Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-484V VECTRON-CO-484V Datasheet
107Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-407 VECTRON-CO-407 Datasheet
61Kb / 3P
   Helping Customers Innovate, Improve & Grow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com