Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78626 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC78626
Description  DSP for Compact Disk Players
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78626 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC78626 Datasheet HTML 12Page - Sanyo Semicon Device LC78626 Datasheet HTML 13Page - Sanyo Semicon Device LC78626 Datasheet HTML 14Page - Sanyo Semicon Device LC78626 Datasheet HTML 15Page - Sanyo Semicon Device LC78626 Datasheet HTML 16Page - Sanyo Semicon Device LC78626 Datasheet HTML 17Page - Sanyo Semicon Device LC78626 Datasheet HTML 18Page - Sanyo Semicon Device LC78626 Datasheet HTML 19Page - Sanyo Semicon Device LC78626 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
(5) The Internal Brake Mode
* The internal brake mode is turned on by inputting the internal brake on command ($C5). When in this mode, when
the brake command ($06) is executed it becomes possible to monitor the state of deceleration of the disk using the
WRQ pin.
* In this mode, the status of deceleration of the disk is determined by counting the density of the EFM signals in a
single frame, and the CLV
is low if the number of EFM signals is 4 or less. At the same time, the WRQ signal is
put to high as the break complete monitor. The microcontroller issues the STOP command if it senses that the
WRQ signal is high, and thus brings the disk to a complete stop. In the internal break continuous mode the CLV
=
high brake operation continues even when the break complete monitor WRQ goes high.
When noise in the EFM signal causes the deceleration status to be judged incorrectly, it may be advisable to use the
internal break control command ($A3) to change the EFM signal count from 4 to 8.
* In the TOFF output inhibited mode ($CD), TOFF is low while the internal break is in operation. Its use is
recommended because it is effective in preventing incorrect detection at the mirrored surface of the disk.
* When there is a loss of focus during the execution of an internal break command it will be necessary to reissue the
internal brake command after the focus has been reestablished.
* Because there is a risk that the EFM signal will be discerned incorrectly depending on the playback status
(scratched disks, access processes, etc.), use in conjunction with the microcontroller is recommended.
* When the internal brake mode is in effect, then it is possible to monitor the disk deceleration status at the WRQ Pin
by executing the DISC MTR BRAKE command ($06) in this DSP. However, if another command is executed
while this command is in process, then the command will be aborted. When you wish to prevent the function from
being aborted, then, after issuing the DISC MTR BRAKE command ($06), do not issue any other commands until
a high WRQ signal is detected and the DISC MTR STOP command ($07) is issued.
7
The Track Jump Circuit Pin 23: HFL, Pin 24: TES, Pin 25: TOFF, Pin 26: TGL, Pin 27: JP
+, Pin 28: JP
(1) Types of Track Counters
The following two track count modes have been provided.
The conventional track counter uses the TES signal itself as the internal track counter clock. In the new track count
method, however, the TES signal is combined with the HFL signal to reduce the amount of noise, producing a more
accurate track count through reducing the number of miscounts due to noise in the rising edge and falling edge of the
TES signal. However, when the HFL signal is absent because of dust, scratches, etc., there is the danger that there
will be no track count pulse, and thus caution is required when using this method.
No. 5692-16/32
LC78626E
Code
COMMAND
RES = low
$C5
Internal Break ON
$C4
Internal Break OFF
q
q
$A3
Internal brake control
$CB
Internal brake continuous mode
$CA
Internal brake continuous mode reset
q
q
$CD
Internal brake TON mode
$CC
Internal brake TON mode reset
q
q
Code
COMMAND
RES = low
$22
The new track count (a combination of TES and HFL).
q
q
$23
The conventional track count (direct count of the TES signal).
EFM signal
$06 command


Similar Part No. - LC78626

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78626KE SANYO-LC78626KE Datasheet
235Kb / 33P
   CMOS LSI
More results

Similar Description - LC78626

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
   IC for Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
   Power Driver For Compact Disc Players
logo
Sony Corporation
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
   System Controller for Compact Disc Players
logo
Rohm
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Rohm
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
   Power Driver For Compact Disc Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com