Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD-700 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # CD-700
Description  Complete VCXO Based Phase Lock Loop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700 Datasheet(HTML) 6 Page - Vectron International, Inc

Back Button CD-700_09 Datasheet HTML 2Page - Vectron International, Inc CD-700_09 Datasheet HTML 3Page - Vectron International, Inc CD-700_09 Datasheet HTML 4Page - Vectron International, Inc CD-700_09 Datasheet HTML 5Page - Vectron International, Inc CD-700_09 Datasheet HTML 6Page - Vectron International, Inc CD-700_09 Datasheet HTML 7Page - Vectron International, Inc CD-700_09 Datasheet HTML 8Page - Vectron International, Inc CD-700_09 Datasheet HTML 9Page - Vectron International, Inc CD-700_09 Datasheet HTML 10Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 6 of 12
Of primary concern to the designer is selecting a loop filter that insures lock-in, stability and provides adequate filtering of the
input signal. For low input frequencies, a good starting point for the loop filter bandwidth is 10 Hz (typical). An example would
be translating an 8 kHz signal to 44.736 MHz. Figures 8 and 9 show 8kHz to 44.736 MHz and 8kHz to 19.440 MHz frequency
translation designs. For high input frequencies, a good starting point for the loop filter bandwidth is 100 ppm times the input
frequency.
It’s fairly easy to set a low loop bandwidth for large frequency translations such as 8kHz to 44.736MHz, but becomes more difficult
for clock smoothing applications such as 19.440 MHz input and 19.440MHz output. In this example, 100ppm * 19.440MHz is
approximately 2kHz and this loop filter bandwidth may be too high to adequately reject jitter. A good way to resolve this is to
lower the DATAIN frequency such as dividing the input frequency down. The loop filter bandwidth becomes lower since 100ppm *
DATAIN is lowered. Figure 11 shows an example for clock smoothing on a relatively high input frequency signal and maintaining a
wide lock range.
There is no known accurate formula for calculating acquisition time and so the best way to provide realisitc figures is to measure
the lock time for a CD-700. By measuring the control voltage settling time, acquisiton time was measured in the range of 3-5
seconds for applications such as 8kHz to 34.368 MHz frequency translation which is similar to the application in Figures 8 and 9,
to sub 10 milliseconds for NRZ data patterns such as Figure 10. It may be tempting to reduce the damping factor to 0.7 or 1.0 in
order to improve acquisition time; but, it degrades stability and will not signifigantly improve acquisition time. A damping factor
of 4 is fairly conservative and allows for excellent stability.
Some general quidelines for selecting the loop filter elements include: Values should be less than 1Megohm and at least 10kohm
between the PHO and OPN, the capacitor should be low leakage and a polarized capacitor is acceptable, the R/C’s should be
located physically close to the CD-700 .The loop filter software available on the web site was written for 5 volt operation. A simple
way to calculate values for 3.3 volt operation is to multiply the data density by 0.66 (3.3V / 5V).
SPICE models are another design aid. In most cases a new PLL CD-700 design is calculated by using the software and verified with
SPICE models. The simple active SPICE model is shown in Figure 7.
Loop filter values can be modified to suit the system requirements and application. There are many excellent references on
designing PLL’s, such as “Phase-Locked Loops, Theory, Design and Applications”, by Roland E Best (McGraw-Hill).
Figure 7. SPICE Model
*****CD-700 ac Loop model
vi 1 0 ac 1
ri 1 0 1k
*****Phase Detector
e1 2 0 1 0 1
(for closed loop response use: e1 2 0 1 12 1)
r2 2 3 30k
c1 3 0 60p
*****Phase Detector Gain=0.53 x Data Density (Data Density = 1 for clocks) for 5 volt
operation and = 0.35 x Data Density for 3.3 volt operation
e2 4 0 3 0 .35
*****Loop filter
r1 4 5 60k
c2 5 0 10p
rf 5 6 90k
cf 6 7 1.0u
e3 7 0 5 0 –10000
Rev: 30Mar2009


Similar Part No. - CD-700_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700-KAC-GAB-77.760 VECTRON-CD-700-KAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700-KAC-GAB-XX.XXX ETC1-CD-700-KAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
CD-700-KAC-GAC-77.760 VECTRON-CD-700-KAC-GAC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GAD-77.760 VECTRON-CD-700-KAC-GAD-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GBB-77.760 VECTRON-CD-700-KAC-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Similar Description - CD-700_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com