Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4505 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # C4505
Description  Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4505 Datasheet(HTML) 5 Page - Vectron International, Inc

  C4505_06 Datasheet HTML 1Page - Vectron International, Inc C4505_06 Datasheet HTML 2Page - Vectron International, Inc C4505_06 Datasheet HTML 3Page - Vectron International, Inc C4505_06 Datasheet HTML 4Page - Vectron International, Inc C4505_06 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 5 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 Workshop, No 308 Fenju
Road, WaiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C4505
OCXO
How to order this product:
Step 1
Use this worksheet to forward the following informations to your factory representative :
Model
Stability Code
Supply Voltage
Code
RF Output Code
Package Code
Frequency
Control/ Enable
Frequency
C4505
D508
SV050
RFH
A1
1
6MHz
Vs.operat. Temp. Range
Signal:
Tuning Range:
D508:
±50ppb
-20…+70°C
RFH: HCMOS
0: Fixed OCXO; No adjust
D107:
±100ppb
-20…+70°C
1: ±1.0 ppm .. ±2.5 ppm(SC)
F107:
±100ppb
-40…+85°C
1: ±3.0 ppm .. ±8.0 ppm(AT)
D108:
±10ppb
-20…+70°C
D208:
±20ppb
-20…+70°C
Supply:
Enclosure:
F258
±20ppb
-40…+85°C
SV050: 5V
A1: G179
SV033: 3.3V
SV120: 12V
Step 2
The factory representative will then respond with a Vectron Model Number in the following configuration:
Model
Package Code
Dash
Dash Number
C4505
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N = C4505A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control
voltage, load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.


Similar Part No. - C4505_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4505 ETC-C4505 Datasheet
207Kb / 4P
   OCXO
logo
Vectron International, ...
C4505 VECTRON-C4505 Datasheet
212Kb / 5P
   OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
More results

Similar Description - C4505_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
   Package, Surface Mount
logo
Gaomi Xinghe Electronic...
1N4148W GXELECTRONICS-1N4148W Datasheet
687Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
   Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com