Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4500 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # C4500
Description  Surface Mount Package Optional
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4500 Datasheet(HTML) 2 Page - Vectron International, Inc

  C4500_06 Datasheet HTML 1Page - Vectron International, Inc C4500_06 Datasheet HTML 2Page - Vectron International, Inc C4500_06 Datasheet HTML 3Page - Vectron International, Inc C4500_06 Datasheet HTML 4Page - Vectron International, Inc C4500_06 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 2 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C4500
OCXO
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Signal [Standard]
HCMOS
RFH
Load
15
pF
Signal Level (Vol)
0.5
VDC
with Vs=12.0V or 5.0V and 15pF load
0.3
VDC
with Vs=3.3V and 15pF load
Signal Level (Voh)
4.5
VDC
with Vs=12.0V or 5.0V and 15pF load
3.0
VDC
with Vs=3.3V and 15pF load
Duty cycle
45
55
%
@ (Voh-Vol)/2
Signal [Option]
Sinewave
RFS
Load
50
Ω
Output Power@3,3V supply volt.
2
5
8
dBm
50 Ohm load
Harmonics
Power@5V
5
8
-30
11
dBc
dBm
50 Ohm load
50 Ohm load
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Tuning Range
Fixed OCXO; No adjust
0
Tuning Range
±1.0
±1.75
±2.5
ppm
with SC Cut Crystal
1
±3.0
±5.0
±8
ppm
with AT Cut Crystal
1
Linearity
5
%
Tuning Slope
Positive
Control Voltage Range
0.0
2.0
4.0
VDC
with Vs=5.0VDC
0.0
2.0
4.0
VDC
with Vs=12VDC
0.0
1.4
2.8
VDC
with Vs=3.3VDC
Reference Voltage Output (Vref)
Parameter
Min
Typ
Max.
Units
Condition
Reference Voltage
3.92
4.0
4.08
VDC
with Vs=5.0VDC
4.9
5.0
5.1
VDC
with Vs=12VDC
2.75
2.8
2.85
VDC
with Vs=3.3VDC
Additional parameters
Parameter
Min
Typ
Max.
Units
Condition
Phase Noise
3
-90
dBc/Hz
1 Hz
with 10 MHz SC Cut
-120
dBc/Hz
10 Hz
-140
dBc/Hz
100 Hz
-145
dBc/Hz
1 kHz
-150
dBc/Hz
10 kHz
Phase Noise
3
-75
dBc/Hz
1 Hz
with 10 MHz AT Cut
-105
dBc/Hz
10 Hz
-130
dBc/Hz
100 Hz
-140
dBc/Hz
1 kHz
-150
dBc/Hz
10 kHz
Weight
14
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings


Similar Part No. - C4500_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4500D107SV033RFHA1 VECTRON-C4500D107SV033RFHA1 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4500D107SV050RFHA1 VECTRON-C4500D107SV050RFHA1 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4500D107SV120RFHA1 VECTRON-C4500D107SV120RFHA1 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4500D108SV033RFHA1 VECTRON-C4500D108SV033RFHA1 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4500D108SV050RFHA1 VECTRON-C4500D108SV050RFHA1 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
More results

Similar Description - C4500_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4550 VECTRON-C4550_06 Datasheet
116Kb / 5P
   Surface Mount Package Optional
C4400 VECTRON-C4400_06 Datasheet
121Kb / 5P
   Surface Mount Package Optional
C4530 VECTRON-C4530_06 Datasheet
119Kb / 5P
   Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
   Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
   Surface Mount Package
logo
Advanced Power Electron...
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
   Surface Mount Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com