Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW4180 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4180
Description  High Voltage Low current consumption Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4180 Datasheet(HTML) 4 Page - New Japan Radio

  NJW4180 Datasheet HTML 1Page - New Japan Radio NJW4180 Datasheet HTML 2Page - New Japan Radio NJW4180 Datasheet HTML 3Page - New Japan Radio NJW4180 Datasheet HTML 4Page - New Japan Radio NJW4180 Datasheet HTML 5Page - New Japan Radio NJW4180 Datasheet HTML 6Page - New Japan Radio NJW4180 Datasheet HTML 7Page - New Japan Radio NJW4180 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJW4180
- 4 -
Ver.2011-01-27
POWER DISSIPATION vs. AMBIENT TEMPERATURE
NJW4180KG1 Power Dissipation
(Topr=-40~+85°C,Tj=125°C)
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
Temperature Ta(°C)
on 4 layers board
(101.5×114.5×1.6mm)
on 2 layers board
(101.5×114.5×1.6mm)
NJW4180F Power Dissipation
(Topr=-40~+85°C,Tj=125°C)
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Temperature Ta(°C)
on 4 layers board
(114.3×76.2×1.6mm)
on 2 layers board
(114.3×76.2×1.6mm)


Similar Part No. - NJW4180

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
NJW4182 NJRC-NJW4182 Datasheet
277Kb / 11P
   High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
NJW4182-H NJRC-NJW4182-H Datasheet
478Kb / 15P
   nullHigh Voltage Ultra Low Current Consumption IO=100mA LDO
Ver.1.3
NJW4182F NJRC-NJW4182F Datasheet
277Kb / 11P
   High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
NJW4182F05 NJRC-NJW4182F05 Datasheet
277Kb / 11P
   High Voltage Ultra low current consumption Io=100mA LDO
Ver.2014-09-29
More results

Similar Description - NJW4180

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
   Low current consumption 300mA CMOS Voltage Regulator
logo
New Japan Radio
NJW4181 NJRC-NJW4181 Datasheet
394Kb / 13P
   High Voltage Very low current consumption Io=100mA Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com