Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78211 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC78211
Description  Analog Function Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78211 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC78211 Datasheet HTML 1Page - Sanyo Semicon Device LC78211 Datasheet HTML 2Page - Sanyo Semicon Device LC78211 Datasheet HTML 3Page - Sanyo Semicon Device LC78211 Datasheet HTML 4Page - Sanyo Semicon Device LC78211 Datasheet HTML 5Page - Sanyo Semicon Device LC78211 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
Function switching under serial data control in amplifiers,
receivers, and other electronic equipment
Features
• Two sets of eight (or in the LC78213, seven) built-in
circuits with three switching configurations available
based on differing internal connections
• Control according to serial data sent from a micro-
processor, and easy connection to 5 V microprocessors
• Two identical products can be connected to a shared bus
due to the provision of a select pin (S).
• A reset pin that turns off all analog switches
• A ±20 V withstand voltage rating allows these products
to provide a wide dynamic range.
Package Dimensions
unit: mm
3061-DIP30S
CMOS LSI
Ordering number : EN4817A
73096HA (OT)/72994 TH (OT) No. 4817-1/6
SANYO: DIP30S
[LC78211, 78212, 78213]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Analog Function Switch
LC78211, 78212, 78213
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +20
V
VEE max
VEE
–20 to +0.3
V
Maximum input voltage
VI1
DI, CL, CE, S, RES
–0.3 to +20
V
VI2
L1 to L8, R1 to R8, LCOM1 to LCOM4, RCOM1 to RCOM4
VEE – 0.3 to VDD + 0.3
V
Analog switch potential difference when on
∆V
ON
With the switch on
0.5
V
Allowable power dissipation
Pd max
Ta
≤ 75°C
100
mW
Operating temperature range
Topr
–30 to +75
°C
Storage temperature range
Tstg
–40 to +125
°C


Similar Part No. - LC78211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78211-E ONSEMI-LC78211-E Datasheet
194Kb / 6P
   Analog Function Switch
December, 2013
More results

Similar Description - LC78211

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7824 SANYO-LC7824 Datasheet
94Kb / 5P
   Analog Function Switch
logo
New Japan Radio
NJU7313A NJRC-NJU7313A Datasheet
193Kb / 5P
   ANALOG FUNCTION SWITCH???
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
logo
Sanyo Semicon Device
LC7821 SANYO-LC7821 Datasheet
134Kb / 6P
   Analog Function Switch
logo
New Japan Radio
NJU7311A NJRC-NJU7311A Datasheet
196Kb / 5P
   ANALOG FUNCTION SWITCH
logo
Toshiba Semiconductor
TC9152P TOSHIBA-TC9152P Datasheet
247Kb / 10P
   ANALOG FUNCTION SWITCH
1994-11-28
logo
New Japan Radio
NJU7312A NJRC-NJU7312A Datasheet
194Kb / 5P
   ANALOG FUNCTION SWITCH?
logo
ON Semiconductor
ENA4817A ONSEMI-ENA4817A Datasheet
194Kb / 6P
   Analog Function Switch
December, 2013
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
   HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
TC9208N TOSHIBA-TC9208N Datasheet
473Kb / 13P
   HIGH TENSION SUSTAINING ANALOG FUNCTION SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com