Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1655ME7 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1655ME7
Description  X-SP3T SWITCH GaAs MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1655ME7 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1655ME7 Datasheet HTML 1Page - New Japan Radio NJG1655ME7 Datasheet HTML 2Page - New Japan Radio NJG1655ME7 Datasheet HTML 3Page - New Japan Radio NJG1655ME7 Datasheet HTML 4Page - New Japan Radio NJG1655ME7 Datasheet HTML 5Page - New Japan Radio NJG1655ME7 Datasheet HTML 6Page - New Japan Radio NJG1655ME7 Datasheet HTML 7Page - New Japan Radio NJG1655ME7 Datasheet HTML 8Page - New Japan Radio NJG1655ME7 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJG1655ME7
-5-
I
I
I
I
ELECTRICAL CHARACTERISTICS (Losses of external circuit are excluded, with application circuit)
-10
-5
0
5
10
0.5
1.0
1.5
2.0
2.5
3.0
PCA-P1A,PCB-P1B
PCA-P2A,PCB-P2B
PCA-P3A,PCB-P3B
Frequency (GHz)
Phase Error vs. Frequency
( V
DD
=2.7V )
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
10
12
14
16
18
20
10
12
14
16
18
20
22
24
26
Input Power (dBm)
Insertion Loss, IDD vs. Input Power
( V
DD
=2.7V, f=2GHz, VCTL1=1.8V, VCTL2=0V )
PCA-P1A
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VDD(V)
P-0.2dB vs. VDD
( f=2GHz, VCTL1=1.8V, VCTL2=0V )
PCA-P1A
Time ( 2µ
µ
µ
µsec/div )
Switching Time
( V
DD
=2.7V, VCTL2=0V )
1.7µ
µ
µ
µs
PCA-P1A
VCTL1
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCTL1(V)
P-0.2dB vs. VCTL
( f=2GHz, V
DD
=2.7V, VCTL2=0V )
PCA-P1A


Similar Part No. - NJG1655ME7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1655SCC NJRC-NJG1655SCC Datasheet
170Kb / 8P
   X-SP3T SWITCH GaAs MMIC
More results

Similar Description - NJG1655ME7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1655SCC NJRC-NJG1655SCC Datasheet
170Kb / 8P
   X-SP3T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
   GaAs SP3T Switch
logo
New Japan Radio
NJG1662MD7 NJRC-NJG1662MD7 Datasheet
214Kb / 8P
   X-SPDT SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
   GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
New Japan Radio
NJG1663K44 NJRC-NJG1663K44 Datasheet
349Kb / 12P
   X-SP4T SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC245QS16 HITTITE-HMC245QS16 Datasheet
199Kb / 6P
   GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
New Japan Radio
NJG1692NB2 NJRC-NJG1692NB2 Datasheet
130Kb / 10P
   X-SPDT SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com