Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPT3640 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT3640
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT3640 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT3640_10 Datasheet HTML 1Page - Central Semiconductor Corp CMPT3640_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT3640
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT3640 type is
a PNP silicon transistor manufactured by the epitaxial
planar process, epoxy molded in a surface mount
package, designed for saturated switching applications.
MARKING CODE: C2J
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
12
V
Collector-Emitter Voltage
VCEO
12
V
Emitter-Base Voltage
VEBO
4.0
V
Continuous Collector Current
IC
80
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=6.0V
10
nA
ICES
VCE=6.0V, TA=65°C
10
µA
IB
VCE=6.0V, VEB=0
10
nA
BVCBO
IC=100µA
12
V
BVCEO
IC=10mA
12
V
BVEBO
IE=100µA
4.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.20
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.60
V
VCE(SAT)
IC=10mA, IB=1.0mA, TA=65°C
0.25
V
VBE(SAT)
IC=10mA, IB=0.5mA
0.75
0.95
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.80
1.00
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.50
V
hFE
VCE=0.3V, IC=10mA
30
120
hFE
VCE=1.0V, IC=50mA
20
fT
VCE=5.0V, IC=10mA, f=100MHz
500
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
3.5
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
3.5
pF
td
VCC=6.0V, VBE=1.9, IC=50mA, IB1=5.0mA
10
ns
tr
VCC=6.0V, VBE=1.9, IC=50mA, IB1=5.0mA
30
ns
R5 (1-February 2010)
www.centr a lsemi.com


Similar Part No. - CMPT3640_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT3640 CENTRAL-CMPT3640 Datasheet
79Kb / 2P
   PNP SILICON TRANSISTOR
More results

Similar Description - CMPT3640_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
   PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com