Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305CSXI-1H Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2305CSXI-1H
Description  3.3 V Zero Delay Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305CSXI-1H Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2305CSXI-1H Datasheet HTML 1Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 2Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 3Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 4Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 5Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 6Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 7Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 8Page - Cypress Semiconductor CY2305CSXI-1H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *K
Page 4 of 17
Pinouts
CY2305C
CY2309C
Figure 2. Pin Diagram - 16 Pin SOIC/TSSOP (Top View)
Figure 1. Pin Diagram - 8 Pin SOIC (Top View)
Table 1. Pin Description - 8 Pin SOIC
Pin
Signal
Description
1REF[1]
Input reference frequency
2CLK2[2]
Buffered clock output
3CLK1[2]
Buffered clock output
4
GND
Ground
5CLK3[2]
Buffered clock output
6VDD
3.3 V supply
7CLK4[2]
Buffered clock output
8CLKOUT[2]
Buffered clock output, internal feedback on this pin
CLK2
CY2305C
1
2
3
4
8
7
6
5
CLKOUT
CLK4
VDD
CLK3
REF
CLK1
GND
Notes
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
CY2309C
Table 2. Pin Definition - 16 Pin SOIC/TSSOP
Pin
Signal
Description
1REF[1]
Input reference frequency
2
CLKA1[2]
Buffered clock output, Bank A
3
CLKA2[2]
Buffered clock output, Bank A
4VDD
3.3 V supply
5
GND
Ground
6
CLKB1[2]
Buffered clock output, Bank B
7
CLKB2[2]
Buffered clock output, Bank B
8S2[3]
Select input, bit 2
[+] Feedback


Similar Part No. - CY2305CSXI-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305CSXI-1H CYPRESS-CY2305CSXI-1H Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXI-1HT CYPRESS-CY2305CSXI-1HT Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2305CSXI-1H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com