Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305CSXI-1 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2305CSXI-1
Description  3.3 V Zero Delay Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305CSXI-1 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2305CSXI-1 Datasheet HTML 3Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 4Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 5Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 6Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 7Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 8Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 9Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 10Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *K
Page 7 of 17
Switching Characteristics for CY2305CSXC-XX and CY2309CSXC-XX
Switching characteristics table for CY2305CSXC-1 and CY2309CSXC-1 commercial temperature devices. All parameters are
specified with loaded outputs.
Electrical Characteristics for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX
Electrical characteristics table for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX industrial/automotive-A
temperature devices.
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW voltage[9]
–0.8
V
VIH
Input HIGH voltage[9]
2.0
V
IIL
Input LOW current
VIN = 0 V
50
A
IIH
Input HIGH current
VIN = VDD
–100
A
VOL
Output LOW voltage[10]
IOL = 8 mA (–1)
IOH =12 mA (–1H)
–0.4
V
VOH
Output HIGH voltage[10]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode)
Power-down supply current
REF = 0 MHz
25
A
IDD
Supply current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
–35
mA
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output frequency
30 pF load
10 pF load
10
10
–100
133.33
MHz
MHz
tDC
Output duty cycle[10] = t2  t1
Measured at 1.4 V, Fout > 50 MHz
40
50
60
%
Measured at 1.4 V, Fout  50 MHz
45
50
55
%
t3
Rise time[10]
Measured between 0.8 V and 2.0 V
2.25
ns
t4
Fall time[10]
Measured between 0.8 V and 2.0 V
2.25
ns
t5
Output-to-output skew[10]
All outputs equally loaded
200
ps
t6A
Delay, REF rising edge to
CLKOUT rising edge[10]
Measured at VDD/2
0
±350
ps
t6B
Delay, REF rising edge to
CLKOUT rising edge[10]
Measured at VDD/2. Measured in
PLL Bypass mode, CY2309C device
only.
15
8.7
ns
t7
Device-to-device skew[10]
Measured at VDD/2 on the CLKOUT
pins of devices
–0
700
ps
tJ
Cycle-to-cycle jitter, peak[10]
Measured at 66.67 MHz, loaded
outputs
–50
175
ps
tLOCK
PLL lock time[10]
Stable power supply, valid clock
presented on REF pin
––
1.0
ms
Notes
9. .REF input has a threshold voltage of VDD/2.
10. Parameter is guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback


Similar Part No. - CY2305CSXI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305CSXI-1 CYPRESS-CY2305CSXI-1 Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXI-1H CYPRESS-CY2305CSXI-1H Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXI-1HT CYPRESS-CY2305CSXI-1HT Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXI-1T CYPRESS-CY2305CSXI-1T Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2305CSXI-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com