Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305CSXC-1T Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2305CSXC-1T
Description  3.3 V Zero Delay Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305CSXC-1T Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2305CSXC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 9Page - Cypress Semiconductor CY2305CSXC-1T Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *K
Page 6 of 17
Absolute Maximum Conditions
Supply voltage to ground potential ...............–0.5 V to +4.6 V
DC input voltage (Except REF) .......... –0.5 V to VDD + 0.5 V
DC input voltage REF.......................... –0.5 V to VDD + 0.5 V
Storage temperature ................................ –65 °C to +150 °C
Junction temperature................................................. 150 °C
Static discharge voltage
(per MIL-STD-883, Method 3015) .......................... > 2,000 V
Operating Conditions for CY2305CSXC-XX and CY2309CSXC-XX
Operating conditions table for CY2305CSXC-XX and CY2309CSXC-XX commercial temperature devices.
Parameter
Description
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TA
Operating temperature (ambient temperature)
0
70
°C
CL
Load capacitance, below 100 MHz
30
pF
CL
Load capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input capacitance
7
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps are monotonic)
0.05
50
ms
Operating Conditions for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX
Operating conditions table for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX industrial/automotive-A
temperature devices.
Parameter
Description
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TA
Operating temperature (ambient temperature)
–40
85
°C
CL
Load capacitance, below 100 MHz
30
pF
CL
Load capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input capacitance
7
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps are monotonic)
0.05
50
ms
Electrical Characteristics for CY2305CSXC-XX and CY2309CSXC-XX
Electrical characteristics table for CY2305CSXC-XX and CY2309CSXC-XX commercial temperature devices.
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW voltage[7]
–0.8
V
VIH
Input HIGH voltage[7]
2.0
V
IIL
Input LOW current
VIN = 0 V
50
A
IIH
Input HIGH current
VIN = VDD
100
A
VOL
Output LOW voltage[8]
IOL = 8 mA (–1)
IOH = 12 mA (–1H)
–0.4
V
VOH
Output HIGH voltage[8]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode)
Power-down supply current
REF = 0 MHz
12
A
IDD
Supply current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
–32
mA
Notes
7. REF input has a threshold voltage of VDD/2.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback


Similar Part No. - CY2305CSXC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305CSXC-1T CYPRESS-CY2305CSXC-1T Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2305CSXC-1T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com