Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS01N60C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPS01N60C3
Description  Cool MOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPS01N60C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPS01N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPS01N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
200
8-04-07
Rev. 2.1
Page 3
SP
S01N60C3
Electrical Characteristics , at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=0.5A
-
0.75
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
100
-
pF
Output capacitance
Coss
-
40
-
Reverse transfer capacitance
Crss
-
2.5
-
Turn-on delay time
td(on)
VDD=350V, VGS=0/10V,
ID=0.8A, RG=100Ω
-
30
-
ns
Rise time
tr
-
25
-
Turn-off delay time
td(off)
-
55
82
Fall time
tf
-
30
45
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=350V, ID=0.8A
-
0.9
-
nC
Gate to drain charge
Qgd
-
2.2
-
Gate charge total
Qg
VDD=350V, ID=0.8A,
VGS=0 to 10V
-
3.9
5
Gate plateau voltage
V(plateau) VDD=350V, ID=0.8A
-
5.5
-
V
1Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f.
2Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
3I
SD<=ID, di/dt<=400A/us, VDClink=400V, Vpeak<VBR, DSS, Tj<Tj,max.
Identical low-side and high-side switch.


Similar Part No. - SPS01N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPS01N60C3 INFINEON-SPS01N60C3 Datasheet
449Kb / 10P
   Cool MOS??Power Transistor
Rev. 2.0 2005-10-24
More results

Similar Description - SPS01N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com